PART |
Description |
Maker |
STGF10NB60SD 9581 |
N-CHANNEL 10A - 600V TO-220FP PowerMESH IGBT From old datasheet system N-CHANNEL 600V 10A TO-220FP POWERMESH IGBT
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRG4BC20S |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
|
IRF[International Rectifier]
|
STGD6NC60HD07 STGD10NC60KDT4 STGD10NC60KD STGD6NC6 |
N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT N-channel 600V - 10A - DPAK Short circuit rated PowerMESH TM IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STGP10N60 STGP10N60L 6209 |
25 A, 600 V, N-CHANNEL IGBT, TO-220AB From old datasheet system N-CHANNEL 10A - 600V TO-220 LOGIC LEVEL IGBT
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FGB20N6S2D FGH20N6S2D FGB20N6S2DT FGP20N6S2D |
600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode Switch Mode Power Supply; Output Power:300W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:60A; Power Supply Mounting:Chassis; Output Current:60A; Output Power Max:300W; Output Voltage:5VDC; Series:JWS RoHS Compliant: Yes 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V/ SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V, SMPS II Series N-Channel IGBT with Stealth Diode, TO-263/D2PAK Package 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FGP10N60UNDF |
600V, 10A Short Circuit Rated IGBT
|
Fairchild Semiconductor
|
QIQ0645002 |
Low side Chopper IGBT Module 600V 450A IGBT / 600V 450A Fast Diode
|
POWEREX[Powerex Power Semiconductors]
|
IRG4PC50UD IRG4PC50UD-E |
55 A, 600 V, N-CHANNEL IGBT, TO-247AD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A) 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package
|
IRF[International Rectifier]
|
FGK60N6S2D |
600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode INDUSTRIAL POWER SUPPLY, 85-265VAC/120-330VDC INPUT, 24V@14A RoHS Compliant: Yes
|
http:// Fairchild Semiconductor Corporation
|
STGB10NC60KDT4 STGP10NC60KD STGF10NC60KD GB10NC60K |
N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|