PART |
Description |
Maker |
RJK0455DPB RJK0455DPB13 RJK0455DPB-00-J5 |
40V, 45A, 3.8m max. Silicon N Channel Power MOS FET Power Switching
|
Renesas Electronics Corporation
|
CXT2907A |
High current (max.600mA), Low voltage (max.60V)
|
TY Semiconductor Co., Ltd
|
FAN1117AD285X FAN1117AT33X FAN1117AS285X |
FETs - Nch 60VFETs - Nch 150VFETs - Nch 150V2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDD20AN06A010 FDD20AN06-F085 |
N-Channel PowerTrench? MOSFET 60V, 45A, 20mW N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor
|
BD16922EFV-M |
Automotive 2ch 60V Max, H-bridge Drivers
|
ROHM
|
2SJ598 2SJ598-Z |
P-ch power MOSFET 60V RDS(on)MAX.=130m ohm TO-251 TO-252
|
NEC
|
2SJ601 2SJ601-Z |
Pch power MOSFET 60V RDS(on)1=31m ohm MAX. TO-251(MP-3), TO-252(MP-3Z)
|
NEC
|
T308N2000TOF |
2.0kV V[drm] Max., 308A I[T] Max. Silicon Controlled Rectifier
|
Telefunken Electronic
|
HT1000/08OJ6 |
800V V[drm] Max., 980A I[T] Max. Silicon Controlled Rectifier
|
Herrmann
|
DAN803 DAP803 DA4148 DA4148A DA4148K |
Switch Mode Power Supply; Output Power:10W; No. of Outputs:2; Output 1 VDC :12VDC; Output Current 1:0.45A; Output 2 VDC -:12VDC; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:0.45A RoHS Compliant: Yes Small Signal Diode Arrays
|
DIOTEC SEMICONDUCTOR AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
STW45NM60 |
N-CHANNEL 600V - 0.09 OHM - 45A TO-247 MDMESH POWER MOSFET N-CHANNEL 600V - 0.09 OHM - 45A TO-247 MDMESH POWER MOSFET N-CHANNEL 600V - 0.09ohm - 45A TO-247 MDmesh Power MOSFET N-CHANNEL 600V - 0.09ohm - 45A TO-247 MDmesh⑩Power MOSFET
|
ST Microelectronics STMicroelectronics 意法半导
|
IRKT56_12A IRK41 IRKH4104A IRKH4104AS90 IRKL4104A |
1400V 60A Doubler Circuit Positive Phase Control Thyristor/Thyristor in a ADD-A-Pak package 1000V 45A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 1400V 60A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package (IRKT41 / IRKT56) THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR ADD-A-pakTM GEN V Power Modules From old datasheet system 800V 45A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 1200V 45A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 1200V 45A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 1200V 45A Doubler Circuit Positive Phase Control Thyristor/Thyristor in a ADD-A-Pak package 600V 60A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 600V 60A Doubler Circuit Positive Phase Control Thyristor/Thyristor in a ADD-A-Pak package 400V 60A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 800V 60A Doubler Circuit Positive Phase Control Thyristor/Thyristor in a ADD-A-Pak package 600V 60A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 800V 60A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 800V 60A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 1200V 60A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 1200V 60A Doubler Circuit Positive Phase Control Thyristor/Thyristor in a ADD-A-Pak package 1400V 45A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 800V 45A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 1000V 45A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 1600V 45A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 800V 45A Doubler Circuit Positive Phase Control Thyristor/Thyristor in a ADD-A-Pak package 1400V 45A Doubler Circuit Positive Phase Control Thyristor/Thyristor in a ADD-A-Pak package 1000V 45A Doubler Circuit Positive Phase Control Thyristor/Thyristor in a ADD-A-Pak package 1600V 45A Doubler Circuit Positive Phase Control Thyristor/Thyristor in a ADD-A-Pak package THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR ADD-A-pakTM GEN V Power Modules 晶闸二极管和晶闸晶闸管地址- pakTMV电源模块 THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR 晶闸二极管和晶闸晶闸 1000V 60A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 1000V 60A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 1400V 45A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package 1600V 45A Doubler Circuit Positive Phase Control Thyristor/Diode in a ADD-A-Pak package THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
|
IRF[International Rectifier] International Rectifier, Corp.
|