PART |
Description |
Maker |
10A015 |
1.5 W, 20 V, 1000 MHz common emitter transistor 1.5 Watts, 20 Volts, Class A Linear to 1000 MHz
|
GHZTECH[GHz Technology]
|
ESDC-17-3-75 |
5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.3 dB INSERTION LOSS-MAX E-Series Coupler 5-1000 MHz
|
Tyco Electronics
|
SMA18-1 A18-1 A18-1_1 CA18-1 A18-11 |
10 MHz - 1000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER Cascadable Amplifier 10 to 1000 MHz
|
MACOM[Tyco Electronics]
|
SBTC-2-10 SBTC-2-10_10L SBTC-2-10L SBTC-2-1010L |
Power Splitter/Combiners 2 Way-0??50蟹 5 to 1000 MHz Power Splitter/Combiners 2 Way-050з 5 to 1000 MHz Power Splitter/Combiners 2 Way-0° 50 5 to 1000 MHz Power Splitter/Combiners 2 Way-0∑ 50з 5 to 1000 MHz From old datasheet system Power Splitter/Combiners 2 Way-0 50 5 to 1000 MHz
|
MINI[Mini-Circuits]
|
DS1004Z-3T LFSCM3GA15EP1-7F256C LFSCM3GA15EP1-7F90 |
FPGA, 56 CLBS, 15000 GATES, 1000 MHz, PBGA256 17 X 17 MM, LEAD FREE, FPBGA-256 FPGA, 56 CLBS, 15000 GATES, 1000 MHz, PBGA900 31 X 31 MM, LEAD FREE, FPBGA-900 FPGA, 104 CLBS, 25000 GATES, 1000 MHz, PBGA900 31 X 31 MM, FPBGA-900 FPGA, 56 CLBS, 15000 GATES, 1000 MHz, PBGA256 17 X 17 MM, FPBGA-256 FPGA, 216 CLBS, 40000 GATES, 1000 MHz, PBGA1020 33 X 33 MM, LEAD FREE, FCBGA-1020 FPGA, 308 CLBS, 80000 GATES, 1000 MHz, CBGA1704 42.5 X 42.5 MM, CERAMIC, FCBGA-1704 FPGA, 308 CLBS, 80000 GATES, 1000 MHz, PBGA1152 35 X 35 MM, FCBGA-1152 FPGA, 216 CLBS, 40000 GATES, 1000 MHz, PBGA1152 35 X 35 MM, FCBGA-1152 FPGA, 216 CLBS, 40000 GATES, 1000 MHz, PBGA1152 35 X 35 MM, LEAD FREE, FCBGA-1152 FPGA, 104 CLBS, 25000 GATES, 1000 MHz, PBGA1020
|
Maxim Integrated Products Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ACLM4538C3R1K ACLM4538C36 ACLM4538C371K ACLM4538C3 |
100 MHz - 1100 MHz RF/MICROWAVE LIMITER HERMETIC SEALED, CASE C36 100 MHz - 1100 MHz RF/MICROWAVE LIMITER HERMETIC SEALED, CASE C37 1000 MHz - 8000 MHz RF/MICROWAVE LIMITER 1000 MHz - 4000 MHz RF/MICROWAVE LIMITER 500 MHz - 18000 MHz RF/MICROWAVE LIMITER
|
|
ADC-16-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits http://
|
ADC-15-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits http://
|
ADC-18-4-75 |
Directional Coupler 75楼? 20 to 1000 MHz Directional Coupler 75惟 20 to 1000 MHz Directional Coupler 75Ω 20 to 1000 MHz
|
Mini-Circuits
|
SCA-4-10-75 |
Power Splitter/Combiner 4 Way-0° 75?/a> 10 to 1000 MHz Power Splitter/Combiner 4 Way-0∑ 75з 10 to 1000 MHz Power Splitter/Combiner 4 Way-0 75 10 to 1000 MHz Power Splitter/Combiner 4 Way-075з 10 to 1000 MHz Power Splitter/Combiner 4 Way-0??75蟹 10 to 1000 MHz
|
MINI[Mini-Circuits]
|
VCO-S-A17 VCO-S-1000 VCO-S-2000 VCO-S-600 VCO225PA |
VCO, 180 MHz - 220 MHz VCO, 1000 MHz - 2000 MHz VCO, 2000 MHz - 3000 MHz VCO, 600 MHz - 1200 MHz VCO, 225 MHz - 450 MHz VCO, 1200 MHz - 2400 MHz
|
Synergy Microwave, Corp. SYNERGY MICROWAVE CORP
|
|