PART |
Description |
Maker |
25BP22-B-1-10F 25BP22-B-1-16 25BP22-B-1-10C 25BSP2 |
ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-5 ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-10 ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-20 ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-15 Multiple Code and Indexing Choices
|
Grayhill, Inc. GRAYHILL INC
|
62P22-N4S 62P22-L4S 62P22-N0S |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER COMPACT PACKAGE-6 PC Mount Optical Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc.
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
BOMH58S1N24B18/14B2H |
ROTARY OPTICAL POSITION ENCODER
|
ATM Electronic, Corp.
|
MEH20-2048P-E3F2 MEH20-2000P-C3 MEH20-360P-E3F1 ME |
ROTARY OPTICAL POSITION ENCODER
|
Vishay Beyschlag
|
BOSH58S1N24C18/00B2G |
ROTARY OPTICAL POSITION ENCODER
|
Advanced Interconnections, Corp.
|
BPMD25G1P24D13/16KFD BPMD25G1P24B13/16KFD |
ROTARY OPTICAL POSITION ENCODER
|
Analog Devices, Inc.
|
E37-VT6610-1 E37-VN0330-1 E37-CN6620-1 E37-VN0611- |
ROTARY OPTICAL POSITION ENCODER
|
ELMA ELECTRONIC INC
|
HC111HD02 HC125MD21 HC111PD42 HC121PD42 HC115KD42 |
ROTARY OPTICAL POSITION ENCODER
|
|
EN12-HS11AF18 EN12-HS22AF30 EN12-VN11BF23 EN12-VN1 |
ROTARY OPTICAL POSITION ENCODER
|
BI Technologies Corporation
|
62A11-02-040CH 62A15-02-P 62A01-01-PT |
1/2" Package Optical Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. GRAYHILL INC
|
25LR30-Q |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|