PART |
Description |
Maker |
AN78L05 AN78L05M AN78L07 AN78L07M AN78L06M AN78L06 |
General-Purpose Linear IC - Voltage Regulater - 3-Pin Regulator AB 6C 2#8,4#16 SKT RECP Circular Connector Shell; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3100; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Gender:Male-Female Adapter 2.5GHz 45dB RF-Detecting Controllers 4 V FIXED POSITIVE REGULATOR, PSSO3 3-pin positive output voltage regulator (100 mA type) 12 V FIXED POSITIVE REGULATOR, PSSO3 3-pin positive output voltage regulator (100 mA type) 20 V FIXED POSITIVE REGULATOR, PBCY3 3-pin positive output voltage regulator (100 mA type) 18 V FIXED POSITIVE REGULATOR, PSSO3
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation Panasonic, Corp.
|
GS1117CT-3.3 GS1117CM-2.85 GS1117CE-2.85 VISHAYSEM |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 IC VREG 2.85 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-252, DPAK-3, Fixed Positive Single Output LDO Regulator IC VREG 5 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator
|
VISHAY SEMICONDUCTORS
|
MIC5320-2.5_1.8YML MIC5320-1.8_1.6YML MIC5320-1.8_ |
Dual, High Performance 150mA uCap ULDO DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO6
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
SI-3002KWF |
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PZFM5
|
Allegro MicroSystems, Inc.
|
R5325K033A-TR |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO6
|
RICOH COMPANY LTD
|
SL9012IRMNZT |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
INTERSIL CORP
|
NCP3335AMN500R2G NCP3335AMN150R2G NCP3335AMN300R2G |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 High Accuracy, Low Iq 500 mA LDO with Reverse Bias Protection DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
|
ON Semiconductor
|
CS8164-D CS8164YTVA5 |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PZFM5 8V/5V Low Dropout Dual Regulator with ENABLE
|
ON Semiconductor
|
CS8161YTVA5G |
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PSFM5
|
ON Semiconductor
|
TC1301B-GFDVMF TC1301B-GDDVMF TC1301B-GFDVMFTR TC1 |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 Dual LDO with Microcontroller RESET Function
|
http:// Microchip Technology
|
ADP5030ACBZ-1228R7 |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PBGA16 1.60 X 1.60 MM, 0.40 MM PITCH, ROHS COMPLIANT, WLCSP-16
|
Analog Devices, Inc.
|
|