PART |
Description |
Maker |
GMC-3A GMC-3-R |
Medium Time Delay, 5 X 20 mm, Glass Tube Fuse
|
Cooper Bussmann, Inc.
|
MDQ-V-XX |
Dual Element Time Delay Glass Fuse
|
Cooper Electronic Technologies
|
GMC-630MA GMC-750MA GMC-600MA GMC-600-R GMC-300MA |
5 x 20mm Medium Time-Delay Glass Tube Fuses
|
Cooper Bussmann, Inc.
|
BD5323FVE-TR BD5323G-TR BD5240G-TR BD5242G-TR BD52 |
Free Delay Time Setting CMOS Voltage Detector IC Series Delay time controlled by extemal capacitor Free Delay Time Setting CMOS Voltage Detector IC Series Delay Time Controlled by external Capacitor, Two output types Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
|
Rohm
|
LPS-RK-100SP LPS-RK-110SP LPS-RK-125SP LPS-RK-150S |
TIME DELAY BLOW ELECTRIC FUSE, 100A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 450A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 150A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 125A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 200A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER Dual-Element, Time-Delay Fuses
|
Cooper Bussmann, Inc.
|
TR2-S505H-3.15-R TR2-S505H-6.3-R TR2-S505H-1.6-R T |
TIME DELAY BLOW ELECTRIC FUSE, 3.15A, 600VAC, 400VDC, 100A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 6.3A, 500VAC, 400VDC, 100A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.6A, 600VAC, 400VDC, 100A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 600VAC, 400VDC, 100A (IR), THROUGH HOLE TIME DELAY BLOW ELECTRIC FUSE, 5A, 600VAC, 400VDC, 100A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1A, 600VAC, 400VDC, 100A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 600VAC, 400VDC, 100A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 3.15A, 600VAC, 400VDC, 100A (IR), THROUGH HOLE
|
COOPER INDUSTRIES
|
C519-1.5-R C519-1.25-R |
Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:15mm; Packaging:Bulk; Series:C519; Voltage Rating:250V RoHS Compliant: Yes Cartridge Fuse; Current Rating:1.25A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:15mm; Packaging:Bulk; Series:C519; Voltage Rating:250V RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
ST72T331N2T3 ST72T331N4T6 |
Leaded Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Body Material:Glass; Diameter:4.5mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:No; Length:14.48mm 8位微控制
|
STMicroelectronics N.V.
|
1513 1513SERIES 1513-75Y 1513-135Y 1513-2.5A 1513- |
Delay 50 /-2.5 ns, fixed SIP delay line Td/Tr=5 Delay 80 /-4 ns, fixed SIP delay line Td/Tr=5 Delay 45 /-2.3 ns, fixed SIP delay line Td/Tr=5 Delay 37.5 /-1.9 ns, fixed SIP delay line Td/Tr=5 Delay 22.5 /-1.2 ns, fixed SIP delay line Td/Tr=5 Delay 90 /-4.5 ns, fixed SIP delay line Td/Tr=5 Delay 2.5 /-1 ns, fixed SIP delay line Td/Tr=5 Fixed passive SIP delay line FIXED SIP DELAY LINE TD/TR = 5 固话SIP延迟线运输署/训练班\u003d 5 Delay 75 /-3.8 ns, fixed SIP delay line Td/Tr=5 Delay 135 /-6.8 ns, fixed SIP delay line Td/Tr=5 Delay 3.5 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 120 /-6 ns, fixed SIP delay line Td/Tr=5 Delay 30 /-1.5 ns, fixed SIP delay line Td/Tr=5 Delay 40 /-2 ns, fixed SIP delay line Td/Tr=5 Delay 25 /-1.3 ns, fixed SIP delay line Td/Tr=5 Delay 60 /-3 ns, fixed SIP delay line Td/Tr=5 Delay 140 /-7 ns, fixed SIP delay line Td/Tr=5 Delay 20 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 5 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 15 /-1 ns, fixed SIP delay line Td/Tr=5
|
Coilcraft, Inc. Data Delay Devices Inc
|
LPN-RK-15/100SP LPN-RK-2-1/4SP LPN-RK-2-8/10SP LPN |
TIME DELAY BLOW ELECTRIC FUSE, 0.15A, 250VAC, 125VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 2.25A, 250VAC, 125VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 2.8A, 250VAC, 125VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 3A, 250VAC, 125VDC, 300000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
1503 1503J 1503-100A 1503-100B 1503-100C 1503-120B |
Max delay 35 ns, Mechanically variable delay line Max delay 250 ns, Mechanically variable delay line Max delay 150 ns, Mechanically variable delay line Max delay 130 ns, Mechanically variable delay line Max delay 80 ns, Mechanically variable delay line Max delay 60 ns, Mechanically variable delay line Max delay 50 ns, Mechanically variable delay line Max delay 40 ns, Mechanically variable delay line Max delay 30 ns, Mechanically variable delay line Max delay 25 ns, Mechanically variable delay line Max delay 20 ns, Mechanically variable delay line Max delay 200 ns, Mechanically variable delay line Max delay 160 ns, Mechanically variable delay line Max delay 15 ns, Mechanically variable delay line Max delay 140 ns, Mechanically variable delay line Max delay 120 ns, Mechanically variable delay line Max delay 100 ns, Mechanically variable delay line Mechanically variable passive delay line
|
Data Delay Devices Inc
|
DLD |
Time Delay Relay
|
Crydom
|
|