PART |
Description |
Maker |
2SD1047 2SD1047E |
TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 12A I(C) | TO-247VAR 晶体管|晶体管| npn型| 140伏特五(巴西)总裁| 12A条一(c)|47VAR POWER TRANSISTORS(12A/140V/100W) POWER TRANSISTORS(12A,140V,100W)
|
Mospec Semiconductor, Corp. MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
A-P04BFFA-S180-WP-R A-P07BFFA-S180-WP-R A-P04BMMA- |
WATERPROOF POWER CONNECTOR 4 & 7 PINS (12A & 8A), ASSEMBLY TYPE 3 PE POWER CONNECTOR(12A)
|
Assmann Electronics Inc.
|
IRF230-233 IRF231 IRF232 IRF233 MTP12N18 MTP12N20 |
N-Channel Power MOSFETs, 12A, 150-200 V 9 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Power MOSFETs, 12A, 150-200 V N沟道功率MOSFET,第12A50-200 V (MTP12N18 / MTP12N20) N-Channel Power MOSFETs N-Channel Power MOSFETs/ 12A/ 150-200 V N-Channel Power MOSFETs 12A 150-200 V
|
http:// Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LTM4601AIV-1-PBF LTM4601AIV-PBF LTM4601AV LTM4601A |
12A DC/DC 楼矛Modules with PLL, Output Tracking and Margining 12A DC/DC μModules with PLL, Output Tracking and Margining
|
Linear Technology
|
MTP3055E 3036 MTP3055 |
N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET -通道60V 0.1ohm - 12A条,220 STripFET MOSFET N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET N - CHANNEL 60V - 0.1 - 12A TO-220 STripFET TM MOSFET From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
U12C05 U12C10 U12C15 U12C20 U12C0505 |
Switchmode Dual Ultrafast Power Rectifiers POWER RECTIFIERS(12A,50-200V) POWER RECTIFIERS(12A/50-200V)
|
MOSPEC[Mospec Semiconductor]
|
AC12FSMA AC12DSMA |
12A resin insulating TRIAC 10A resin insulating TRIAC 12A RESIN INSULATION TYPE TRIAC
|
NEC[NEC]
|
STP12NM5006 STB12NM50T4 STB12NM50-1 STP12NM50 STP1 |
12 A, 500 V, 0.35 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-channel 550V @ tjmax - 0.30ヘ - 12A TO-220/FP/D2/I2PAK MDmesh⑩ Power MOSFET N-channel 550V @ tjmax - 0.30Ω - 12A TO-220/FP/D2/I2PAK MDmesh?/a> Power MOSFET N-channel 550V @ tjmax - 0.30Ω - 12A TO-220/FP/D2/I2PAK MDmesh Power MOSFET
|
STMicroelectronics
|
Z8916924VSC Z8916520VSC |
8-BIT MICROCONTROLLER Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:12A; Gate Trigger Current Max, Igt:50mA 8位微控制
|
ON Semiconductor
|
STD12NF06L_07 D12NF06L STD12NF06L STD12NF06L-1 STD |
N-channel 60V - 0.08 - 12A - DPAK - IPAK STripFET II Power MOSFET N-channel 60V - 0.08з - 12A - DPAK - IPAK STripFET⑩ II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|