PART |
Description |
Maker |
CAT3200ES6-5 |
Low Noise Regulated Charge Pump DC-DC Converter
|
ON Semiconductor
|
AAT3110 AAT3110-33 AAT3110IGU-33-T1 AAT3110IGU-5-T |
MicroPower?/a> Regulated Charge Pump MicroPowerRegulated Charge Pump 微功耗稳压电荷泵 MicroPower Regulated Charge Pump MicroPower⑩ Regulated Charge Pump
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
MAX768 MAX768EEE MAX768C_D MAX768C/D |
Low-Noise, Dual-Output, Regulated Charge Pump for GaAsFET, LCD, and VCO Supplies Dual J-K Negative-Edge-Triggered Flip-Flops With Preset And Clear 16-CFP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MCP1256 MCP1259T-EUN MCP1256-EMF MCP1256-EUN MCP12 |
Regulated 3.3V, Low-Ripple Charge Pump with Low-Operating Current SLEEP Mode or BYPASS Mode From old datasheet system Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
TPS60200-15 |
<font color=red>[Old version datasheet]</font> REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
|
TI store
|
LTC3200 |
Low Noise, Regulated Charge Pump DC/DC Converters(可调输出,低噪声,稳压型,电荷泵DC/DC变换器(8-脚MSOP封装 低噪声,稳压电荷泵DC / DC转换器(可调输出,低噪声,稳压型,电荷泵型DC / DC变换器(8 -脚型MSOP封装))
|
Linear Technology, Corp.
|
7202ERPDC-30 7202ERPDS-30 7202ERPFC-20 7202ERPDE-2 |
2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown Simplified Multichemistry SMBus Battery Charger Switched-Capacitor Voltage Inverters Low-Cost Multichemistry Battery Chargers Constant-Frequency, Half-Bridge CCFL Inverter Controller Regulated, Adjustable -2x Inverting Charge Pump 12V, 8A, 1.2MHz, Step-Down Regulator Low-Noise Step-Up DC-DC Converters X9热卖异步FIFO x9 Asynchronous FIFO X9热卖异步FIFO
|
TOKO, Inc.
|
LTC1754ES6-3.3 LTC1754-3.3 LTC1754ES6-5 LTC1754-5 |
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO6 Micropower/ Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
PUMA2F16000I-25 PUMA2F16000M-15 PUMA2F16000M-20 PU |
x32 Flash EEPROM Module Low Noise, Regulated Charge Pump, Adjustable Output, MSOP 2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect, TDFN 2-Kb I<sup>2</sup>C EEPROM for DDR2 DIMM Serial Presence Detect, TDFN X32号,闪存EEPROM模块
|
AMIC Technology, Corp.
|