PART |
Description |
Maker |
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
P4KE10A-B P4KE P4KE47A-B P4KE12A-B P4KE82CA-B P4KE |
Transient Voltage Suppression Diodes 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL
|
Littelfuse
|
1SMA17AT3G |
400 Watt Peak Power Zener Transient Voltage Suppressors 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
BYT56A10 BYT56G BYT56J BYT56D |
Fast Avalanche Sinterglass Diode 1.5 A, 400 V, SILICON, RECTIFIER DIODE 1.5 A, 600 V, SILICON, RECTIFIER DIODE 1.5 A, 200 V, SILICON, RECTIFIER DIODE
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
KYZ25A6 KYZ25K6 KYZ25A05 KYZ25A1 KYZ25A2 KYZ25A3 K |
Fuses, Field replaceable 2410 size, in clips 25 A, 400 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes 25 A, 100 V, SILICON, RECTIFIER DIODE
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
U40M 300U60AM |
DIODE 250 A, 400 V, SILICON, RECTIFIER DIODE, DO-205AB, Rectifier Diode DIODE 300 A, 600 V, SILICON, RECTIFIER DIODE, DO-205AC, Rectifier Diode
|
Vishay Semiconductors
|
MEK600-04DA |
HiPerFRED Epitaxial Diode dual diode, common cathode 880 A, 400 V, SILICON, RECTIFIER DIODE
|
IXYS, Corp. IXYS[IXYS Corporation]
|
SF16H03-3 SF33H35 |
1 A, 400 V, SILICON, SIGNAL DIODE, DO-41 3 A, 150 V, SILICON, RECTIFIER DIODE, DO-201AD
|
RECTRON LTD
|
TGL41-33CTGL41 TGL41-39ATGL41 TGL41-56ATGL41 TGL41 |
400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB
|
SEMIKRON INTERNATIONAL
|
BZW04-256-E3/73 BZW04-28B-E3/4 |
400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL
|
VISHAY SEMICONDUCTORS
|
SFA60PME SFA40PME SFA50PME |
68 AMPS 400 - 600 VOLTS 40 nsec HYPER FAST PDSITIVE CENTERTAP RECTIFIER 6 A, 400 V, SILICON, RECTIFIER DIODE, TO-254AA
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
|