PART |
Description |
Maker |
HW-209A |
Shipped in packet-tape reel(5,000pcs per reel)
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
HG-116C |
Shipped in packet-tape reel(4,000pcs per reel)
|
Asahi Kasei Microsystems
|
HG-0711 |
Shipped in packet-tape reel(10,000pcs per reel)
|
Asahi Kasei Microsystems
|
HG-106C13 |
Shipped in packet-tape reel(4,000pcs per reel)
|
Asahi Kasei Microsystems
|
HW-105A |
Shipped in packet-tape reel(5,000pcs per reel)
|
Asahi Kasei Microsystems
|
HW-108A |
Shipped in packet-tape reel (4000pcs per reel).
|
Electronic Theatre Controls, Inc.
|
HG-106R |
Shipped in packet-tape reel(4,000pcs per reel)
|
Asahi Kasei Microsystem...
|
IDT74FCT845CSO IDT74FCT845CTP IDT74FCT845CD IDT74F |
8-Bit D-Type Latch A 25V Single N-Channel HEXFET Power MOSFET in a DirectFET MX package rated at 39 amperes optimized with low on resistance. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number. A 25V Single N-Channel HEXFET Power MOSFET in a DirectFET MX package rated at 29 amperes optimized with low on resistance. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number. A 25V Single N-Channel HEXFET Power MOSFET in a DirectFET MX package rated at 34 amperes optimized with low on resistance. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number. 8位D型锁存器 9-Bit D-Type Latch 9位D型锁存器 A 30V Single N-Channel HEXFET Power MOSFET in a DirectFET ST package rated at 13 amperes optimized with low on resistance. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number. 8位D型锁存器 300V Single N-Channel HEXFET Power MOSFET in a SO-8 package 9位D型锁存器
|
NXP Semiconductors N.V. Austriamicrosystems AG Coilcraft, Inc. Fairchild Semiconductor, Corp.
|
PT510 PT501 PT510A PT501C PT510C PT501A PT501B |
PHOTOTRANSISTOR | NPN | 800NM PEAK WAVELENGTH | CAN-4.7 光电晶体管|叩| 800NM峰值波长|的CAN - 4.7 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU2405 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL33N15D with Lead Free Packaging such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6610 with Standard Tape and Reel 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Standard Packaging TO-18 Type Narrow Acceptance Phototransistor
|
Sharp Electrionic Components
|
HW-300B |
Shipped in bulk (500pcs per pack).
|
List of Unclassifed Manufacturers ETC
|