PART |
Description |
Maker |
MN5101 MN5100 MN5101H MN5101H_B MN5101H_BCH MN5100 |
2-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP24 High-speed 8-bit A/D Converters High Speed 8 Bit A/D Converters
|
ETC Micro Networks List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
TMP86C420U TMP86C820F TMP86C420F TMP86C820U |
CMOS 8-Bit Microcontroller High-speed, High-performance and low power consumption 8-bit microcomuter including ROM,RAM,LCD driver, multi function timer
|
Toshiba Semiconductor Toshiba Corporation
|
SAB80C166-3S SAB80C166-S Q67120-C493 |
HIGH-PERFORMANCE 16-BIT CMOS SINGLE-CHIP MICROCONTROLLERS FOR EMBEDDED CONTROL APPLICATIONS High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125
|
Siemens Semiconductor Group SIEMENS AG
|
HI1171 HI1171JCB FN3662 HI1171-EV |
8-Bit, 40 MSPS, High Speed D/A Converter From old datasheet system VOLT REG POS 4V 100MA SMD TO-243 8-Bit, 40 MSPS, High Speed D/A Converter PARALLEL, 8 BITS INPUT LOADING, 0.01 us SETTLING TIME, 8-BIT DAC, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
TMP47C415 TMP47C215 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
CY2077 CY2077FSI CY2077SI CY2077ZC CY2077ZI CY2077 |
High-accuracy EPROM Programmable Single-PLL Clock Generator(高精度EPROM,可编程单PLL时钟发生 High-accuracy PLL with 12-bit multiplier and 10-bit divider
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
80960HA 80960HT A80960HT60 A80960HT75SL2GP A80960H |
80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 80960HA/HD/HT 32位高性能超标量处理器 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 32-BIT, 60 MHz, RISC PROCESSOR, CPGA168 AC 3C 3#16S PIN RECP 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
|
http:// Intel, Corp. Intel Corp. Intel Corporation
|
P80C552EFB P80C552EFA P83C552EFB/XXX P83C552IFA/XX |
80C552/83C552; Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM; Package: SOT188-2 (PLCC68); Container: Tube Dry Pack Single-chip 8-bit microcontroller with 10-bit A-D, capture-compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller
|
NXP Semiconductors N.V. Philips Semiconductors
|
LTC2324 LTC2320 |
Quad/Octal 16-Bit/14-Bit/12-Bit, 5Msps/2Msps/1.5Msps, Serial, High Speed SAR ADCs
|
Linear Technology
|
IDTQS3L384SO IDTQS3L384Q QS3L384Q IDTQS3L384QG IDT |
QuikSwitch High-Speed Low Power CMOS 10-Bit Bus Switch QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH 3L SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|