PART |
Description |
Maker |
NC41120-0017 |
STANDARD Micro Controller Specification NC41120-0017 USB Interface Controller Chip
|
Fujitsu Component Limited.
|
SC1164 SC1164CSW SC1165CSW SC1165 |
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER/ DUAL LOW DROPOUT REGULATOR CONTROLLER PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER IC,SMPS CONTROLLER,VOLTAGE-MODE,BIPOLAR,SOP,24PIN,PLASTIC
|
SEMTECH[Semtech Corporation]
|
SCN2661 SCN2661AC1A28 SCN2661AC1N28 SCN2661BA1F28 |
(SCN2661 / SCN68661) Enhanced programmable communications interface EPCI Enhanced programmable communications interface EPCI 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PQCC28 Enhanced programmable communications interface EPCI 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDIP28 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, CDIP28
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
EM78P467A EM78P267A |
8-Bit Micro-Controller for Consumer Product(4K × 13片上ROM,工作电.5V-5.5V位微控制 8-Bit Micro-Controller for Consumer Product(2K × 13片上ROM,工作电.5V-5.5V位微控制 8位微控制器的消费产品(带2K × 13片上ROM的,工作电压.5V.5V位微控制器)
|
ELAN Microelctronics Corp . Elan Microelectronics, Corp.
|
8051 |
HDL model of the Intel 8-bit 8051 micro controller HDL model of the Intel⑩ 8-bit 8051 micro controller
|
List of Unclassifed Manufacturers ETC[ETC]
|
L6918DTR L6918 L6918A L6918AD L6918ADTR L6918D 911 |
From old datasheet system 5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER 5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LTC3802EGN LTC3802EUH LTC3802EGNTRPBF LTC3802-15 |
Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C DUAL SWITCHING CONTROLLER, 850 kHz SWITCHING FREQ-MAX, PDSO28 Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
|
Linear Technology Corporation Linear Technology, Corp.
|
EDS11-111C |
MICRO CONTROLLER E
|
Fuji Electric
|
68HC705C5 |
Micro Controller
|
Motorola
|
V600AT |
RECONFIGURABLE MICRO-CONTROLLER
|
ST Microelectronics
|
HE84G761B |
8-BIT MICRO-CONTROLLER
|
King blillion Electronics Co.,Ltd.
|