PART |
Description |
Maker |
EMS22T51-D28-LD5 EMS22D30-M25-LP6 EMS22S30-C20-LA6 |
ENCODER - ROTARY MAGNETIC SINGLE, 3 CHANNELS, ROTARY/LINEAR OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
BPMV58S1P24B13/16C6D |
SINGLE, LINEAR OPTICAL POSITION ENCODER
|
ZETTLER electronics GmbH
|
HEDS-9730Q53 HEDS-9731Q53 |
SINGLE, 2 CHANNELS, LINEAR OPTICAL POSITION ENCODER
|
AGILENT TECHNOLOGIES INC
|
HEDL-550 HEDL-5500-A02 HEDL-5500-A06 HEDL-5500-E06 |
Encoder Line Drivers 编码器线驱动 Quad PCI Express, Hot-Plug Controllers Triple PCI Express, Hot-Plug Controllers 240 x 64 pixel format, CFL, LED, or EL Backlight available HEDL-5500#A02 · Encoder Line Drivers HEDL-5505#A06 · Encoder Line Drivers HEDL-5540#A01 · Encoder Line Drivers HEDL-9000#U00 · Encoder Line Drivers HEDL-9040#B00 · Encoder Line Drivers HEDL-9100#A00 · Encoder Line Drivers HEDL-9140#A00 · Encoder Line Drivers HEDL-5600#A06 · Encoder Line Drivers HEDL-5605#A06 · Encoder Line Drivers HEDL-5640#A06 · Encoder Line Drivers HEDL-5645#A06 · Encoder Line Drivers HEDL-5560#B02 · Encoder Line Drivers
|
DLP Design, Inc. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
5962F9863301V9A 5962F9863301VCC 5962F9863301VXC AC |
Radiation Hardened 10-to-4 Line Priority Encoder AC SERIES, 9-BIT ENCODER, CDFP16 Radiation Hardened 10-to-4 Line Priority Encoder AC SERIES, 9-BIT ENCODER, CDIP16 Quadruple Bus Buffer Gate With 3-State Outputs 14-PDIP 0 to 70
|
Intersil, Corp. Intersil Corporation
|
AD725 AD725ARZ-R7 AD725ARZ-RL AD725AR-REEL AD725AR |
RGB to NTSC/ PAL Encoder; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial COLOR SIGNAL ENCODER, PDSO16 Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
|
Analog Devices, Inc. ANALOG DEVICES INC
|
290VAB0R201B2 |
ENCODER 2 BIT QUAD SPST W/DETENT ROTARY OPTICAL POSITION ENCODER
|
BI Technologies, Corp.
|
HMP8173CN |
NTSC/PAL Video Encoder COLOR SIGNAL ENCODER, PQFP64
|
HIROSE ELECTRIC Co., Ltd.
|
62S11-M0-P 62S18-H0-PHT 62S18-H9-PHT 62S18-L4-P 62 |
1/2" Package, Low Profile Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. GRAYHILL INC
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
ADV7305AKST ADV7304AKST |
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs COLOR SIGNAL ENCODER, PQFP64
|
Analog Devices, Inc.
|