PART |
Description |
Maker |
62P22-N4S 62P22-L4S 62P22-N0S |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER COMPACT PACKAGE-6 PC Mount Optical Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc.
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
HEDS-5000-I01 AGILENTTECHNOLOGIESINC-HEDS-5010-A05 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
AGILENT TECHNOLOGIES INC
|
HEDS-9701OPTIONF55 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
AGILENT TECHNOLOGIES INC
|
GRAYHILLINC-63TAH-3-3-6-1-2 63TAH-4-1-4-2-1 63TEL- |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
62HS30-H0-180C 62HS22-H9-120S 62HS30-H0-025C |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
BI38-O/1024AQ-11DB |
SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
BOURNS INC
|
62AP11-01-030ST 62AP11-01-130CH 62AP11-01-130S 62A |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. IRC Advanced Film LEDtronics, Inc. GRAYHILL INC
|
63KS32-105 63KS100-020 63K128-230 63K100-165 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
HEDR-5421-EP111 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER SO-8
|
TT electronics Semelab, Ltd.
|
62HN30-H1-130CT 62HN30-H1-135ST 62HN22-H1-135CT 62 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
60A00-4-040S 60A00-8-040P 60A00-2-040C 60A00-2-040 |
SERIES 60A Joystick SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc GRAYHILL INC
|