PART |
Description |
Maker |
BC337 BC337-25 BC337-40 Q62702-C314-V3 BC337-16 BC |
Si-Epitaxial PlanarTransistors NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage) NPN硅晶体管自动对焦(高电流增益高集电极电流低集电极发射极饱和电压)
|
Siemens Semiconductor G... Diotec Elektronische Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
2SC9011 |
Transistor. AM converter, AM/FM IF amplifier general purpose transistor. Collector-base voltage Vcbo = 60V. Collector-emitter voltage Vceo = 30V. Emitter-base voltage Vebo = 5V. Collector dissipation Pc(max) = 400mW. Collector current Ic
|
USHA India LTD
|
PS21961-4 |
IGBT Module; Continuous Collector Current, Ic:3A; Collector Emitter Saturation Voltage, Vce(sat):1.6V; Power Dissipation, Pd:21.3W; Collector Emitter Voltage, Vceo:600V; Package/Case:Super Mini
|
POWEREX INC
|
BSP60 BSP62 Q62702-P1166 Q62702-P1168 BSP60BSP62 B |
From old datasheet system PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon
|
2SC5212 |
Small Signal Transistor Low collector saturation voltage VCE(sat)=0.2V typ. High collector current ICM=1A.
|
TY Semicondutor TY Semiconductor Co., Ltd
|
MC68HCL05C8 MC68HSC05C8 68HC705C8 MC68HC05C8 MC68H |
TRANSISTOR,IGBT,N-CHAN,1.2kV V(BR)CES,25A I(C),TO-264AA IGBT; Continuous Collector Current, Ic:60A; Collector Emitter Saturation Voltage, Vce(sat):24V; Power Dissipation, Pd:200W; Collector Emitter Voltage, Vceo:900V; Transistor Polarity:N Channel PROGRAMMING REFRERENCE GUIDE 编程REFRERENCE指南
|
Motorola, Inc. Motorola Inc Motorola Mobility Holdings, Inc.
|
74HC HCMOS 74HCT 74HCU |
: Conductor AWG#18 to #22; Termination Style: Crimping; Current Rating(Amps)(Max.): 5; Contact Mating Area Plating: Palladium; Operating Temperature Small Signal Bipolar Transistor; Collector Emitter Voltage, Vceo:100V; Transistor Polarity:N Channel; C-E Breakdown Voltage:100V; DC Current Gain Min (hfe):30; Package/Case:R245; Collector Base Voltage:120V HCMOS family characteristics
|
Philips Semiconductors NXP Semiconductors
|
BCP68-10 BCP68-16 Q62702-C2126 Q62702-C2128 Q62702 |
From old datasheet system NPN Silicon AF Transistor (For general AF application High collector current High current gain)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BSP50BSP52 BSP51 Q62702-P1165 BSP50 BSP50BBSP52 BS |
NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage) From old datasheet system RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 10 Watts
|
Siemens Semiconductor G... Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG SIEMENS A G
|
BDP951 BDP955 BDP953 Q62702-D1343 Q62702-D1339 Q62 |
NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain) NPN硅自动对焦功率晶体管输出级驱动器和高集电极电流高电流增益(为自动 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|