PART |
Description |
Maker |
S2370 |
V(dsx): 60V; V(dgr): 60V; V(gss): -20V; 40A; 125W; field effect transistor. For high speed high current switching applications, chopper regular, DC-DC converter and motor drive applications HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
|
TOSHIBA[Toshiba Semiconductor]
|
2SK2038 K2038 |
2SK2038 N CHANNEL MOS TYPE (HIGH SPEED/ HIGH CURRENT SWITCHING APPLICATIONS) TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,5A I(D),TO-247VAR From old datasheet system N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS) N通道马鞍山型(高速,高电流开关应用)
|
Toshiba. TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|
2SC5175 E001059 |
NPN EPITAXIAL TYPE (HIHG CURRENT SWITCHING APPLICATIONS) npn型外延型HIHG电流开关应用) HIGH CURRENT SWITCHING APPLICATIONS From old datasheet system
|
Toshiba, Corp. Toshiba Corporation Toshiba Semiconductor
|
2SD2271 E001173 |
NPN TRIPLE DIFFUSED TYPE (MOTOR DRIVER/ HIGH CURRENT SWITCHING APPLICATIONS) MOTOR DRIVE APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS From old datasheet system NPN TRIPLE DIFFUSED TYPE (MOTOR DRIVER, HIGH CURRENT SWITCHING APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
UC3845BVD1G UC2845BDR2G UC2845BD1G |
HIGH PERFORMANCE CURRENT MODE CONTROLLERS 1 A SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PDSO14 1A, 52kHz (250kHz Max) Current Mode PWM Control Circuit with 8.4V UVLO Threshold and 48% Max Duty Cycle; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 1 A SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
2N3725 |
HIGH VOLTAGE, HIGH CURRENT, HIGH SPEED, NPN SWITCHING
|
Seme LAB
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
LT3437EFE LT3437IFE LT3437EFEPBF LT3437EDDTR |
High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
2SJ360 |
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) P CHANNEL MOS TYPE (HIGH SPEED/ HIGH CURRENT SWITCHING/ CHOPPER REGULATOR/ DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) P通道马鞍山型(高速,大电流开关,斩波调压器,DC - DC变换器和电机驱动应用
|
TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|
CMPD415010 |
SURFACE MOUNT HIGH CURRENT, HIGH SPEED SILICON SWITCHING DIODE
|
Central Semiconductor Corp
|