PART |
Description |
Maker |
55560-0807 |
Board-to-board plug; No. of Contacts:80; Pitch Spacing:0.4mm; No. of Rows:2; Mounting Type:PCB SMT; Connector Style:Vertical; Current Rating:0.5A; Gender:Plug; Series:SlimStack; Voltage Rating:50V RoHS Compliant: Yes
|
MOLEX INC
|
BB409 |
0.4mm Pitch
|
Suncagey
|
AXT610224 AXT614124 AXT616124 AXT624124 AXT628124 |
Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise) Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
|
Panasonic Semiconductor
|
AXE610224 AXE610124 AXE614124 AXE624124 AXE630224 |
Narrow pitch connectors (0.4mm pitch) Narrow pitch connectors (0.4mm pitch)
|
Panasonic Semiconductor
|
MAX8631XETITG104 |
1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
|
MAXIM - Dallas Semiconductor
|
MAX8645YETI MAX8645YETIT |
1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
|
MAXIM - Dallas Semiconductor
|
LT1762 LTC3445EUF |
I2C Controllable Buck Regulator with Two LDOs in a 4mm 】 4mm QFN
|
Linear Technology
|
ACPM-7833 |
ACPM-7833 · CDMA 1900 (PCS) 4mm x 4mm Power Amplifier
|
Agilent (Hewlett-Packard)
|
44WR500T13 |
Model 44 Series / 4mm Square Multi-Turn Surface Mount
|
BI Technologies
|
PE7089-10 |
10 dB Fixed Attenuator, 2.4mm Male To 2.4mm Female Stainless Steel Body Rated To 1 Watt Up To 50 GHz
|
Pasternack Enterprises, Inc.
|
46765-1311 46765-0001 46765-0301 46765-1011 46765- |
MICRO HDMI. TYPE-D 0.4MM PITCH, 19CKT RECEPTACLE CONNECTOR
|
Molex Electronics Ltd.
|