PART |
Description |
Maker |
STW57N65M5 STI57N65M5 STP57N65M5 STB57N65M5 |
N-channel 650 V, 0.056 Ohm typ., 42 A MDmesh(TM) V Power MOSFET in D2PAK package N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET N-channel 650 V, 0.056 Ω typ., 42 A MDmesh V Power MOSFET in I2PAK, TO-220, TO-220FP and D2PAK packages
|
ST Microelectronics STMicroelectronics
|
STF11NM65N STFI11NM65N STD11NM65N STP11NM65N |
N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in I2PAKFP package N-channel 650 V, 0.425 Ω typ., 11 A MDmesh?II Power MOSFET in DPAK, TO-220FP, I2PAKFP and TO-220 packages N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in DPAK package
|
STMicroelectronics ST Microelectronics
|
STP45N65M5 STW45N65M5 STB45N65M5 STF45N65M5 |
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
|
STMicroelectronics
|
STW34N65M5 STI34N65M5 |
N-channel 650 V, 0.09 Ohm, 28 A MDmesh(TM) V Power MOSFET in TO-247 package N-channel 650 V, 0.09 Ohm typ., 28 A MDmesh(TM) V Power MOSFET in I2PAK package
|
ST Microelectronics
|
STP14NM65N STW14NM65N STB14NM65N STI14NM65N STF14N |
N-channel 650 V, 0.33 Ω, 12 A MDmesh II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247 N-channel 650 V, 0.33 ヘ, 12 A MDmesh⑩ II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247 N-channel 650 V, 0.33 Ω, 12 A MDmesh?/a> II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
|
STMicroelectronics
|
STF10NM65N STD10NM65N STP10NM65N STU10NM65N |
N-channel 650 V - 0.43 Ω - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh?/a> Power MOSFET N-channel 650 V - 0.43 Ω - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh Power MOSFET N-channel 650 V - 0.43 ヘ - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
7N60A 7N60AL-X-TA3-T 7N60AL-X-TF3-T 7N60A-X-TA3-T |
7 Amps, 600/650 Volts N-CHANNEL MOSFET
|
??『绉???′唤?????? Unisonic Technologies 友顺科技股份有限公司
|
STF11NM65N |
12 A, 650 V, 0.38 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
STMICROELECTRONICS
|
STW38N65M5 |
N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
|
STMicroelectronics
|
STI24NM65N STW24NM65N STB24NM65N STF24NM65N STP24N |
N-channel 650 V - 0.16 Ω - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh Power MOSFET N-channel 650 V - 0.16 ヘ - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh⑩ Power MOSFET N-channel 650 V - 0.16 Ω - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh?/a> Power MOSFET
|
STMicroelectronics
|
STW60N65M5 STFW60N65M5 |
N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
|
STMicroelectronics
|
|