PART |
Description |
Maker |
CBRHD-02 CBRHD-04 CBRHD10 CBRHD06 CBRHD02 CBRHD04 |
HIGH DENSITY SURFACE MOUNT AMP DUAL IN LINE BRIDGE RECTIFIER HIGH DENSITY SURFACE MOUNT AMP DUAL IN LINE BRIDGE RECTIFIER High Density Surface Mount 0.5AMP Dual in Line Bridge Rectifier(重复峰值反向电000V,高密度表面安.5 A双列直插桥式整流 High Density Surface Mount 0.5AMP Dual in Line Bridge Rectifier(重复峰值反向电00V,高密度表面安.5 A双列直插桥式整流 HIGH DENSITY SURFACE MOUNT ? AMP DUAL IN LINE BRIDGE RECTIFIER
|
Central Semiconductor Corp.
|
VCN60BADJTU-1C MDCVCN6070 |
High Efficiency, High Current Density, 60 or 70 Amp Single Inline Package DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
ISPLSI2064VE ISPLSI2064VE-100LB100 ISPLSI2064VE-10 |
3.3V In-System Programmable High Density SuperFAST?PLD 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 7 ns, PQFP44 CRYSTAL 16.0 MHZ 20PF SMD EE PLD, 13 ns, PQFP100 CRYSTAL 20.0 MHZ 20PF SMD RES 180K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 3.3V In-System Programmable High Density SuperFAST PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 280 MHz 3.3V in-system prommable superFAST high density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
USQ-1.2_20-D48 USQ-1.5_20-D48 USQ-1.8_20-D48 USQ-4 |
High-Density, Quarter-Brick 20 Amp, DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
CBRHDSH2-40 |
HIGH DENSITY 2.0 AMP DUAL IN LINE SCHOTTKY BRIDGE RECTIFIER
|
Central Semiconductor Corp.
|
CBRHDSH2-10010 CBRHDSH2-100-15 |
SURFACE MOUNT HIGH DENSITY 2 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
|
Central Semiconductor Corp Central Semiconductor C...
|
IDT72V3640L75PF IDT72V3650L75PF IDT72V3690L75PF ID |
3.3 VOLT HIGH-DENSITY SUPERSYNC?/a> II 36-BIT FIFO 3.3 VOLT HIGH-DENSITY SUPERSYNCII 36-BIT FIFO 32K X 36 OTHER FIFO, 6.5 ns, PQFP128 RECTIFIER STANDARD SINGLE 1A 200V 200 30A-ifsm 5uA-ir 1V-vf DO-41 5K/REEL-13 8K X 36 OTHER FIFO, 10 ns, PQFP128 Five Channel 4th Order Standard Definition Video Filter Driver; Package: TSSOP; No of Pins: 14; Container: Tape & Reel 16K X 36 OTHER FIFO, 10 ns, PQFP128 DIODE-RECT, CONTROL PIV=200V, IO>.75A 8K X 36 OTHER FIFO, 6.5 ns, PQFP128 CAP 4700PF 100V 10% X7R RAD.20 .20X.20 BULK M-MIL-PRF-39014 CAP 470PF 200V 10% X7R RAD.20 .20X.20 BULK M-MIL-PRF-39014 CAP 0.033UF 50V 10% X7R RAD.20 .20X.20 TR-16 M-MIL-PRF-39014 STANDOFF 3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
ISOPAC01 ISOPAC0103 ISOPAC0104 ISOPAC0111 ISOPAC01 |
High Current High density Isolated Silicon Power Rectifier(????靛?600V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存??? High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?纭?????娴??) High-Current Isolated Rectifier Assemblies. 150 V-1000 V. 10 nS - 2 microseconds 大电流隔离整流器大会150 V000五,10纳秒- 2微秒 HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存???
|
International Rectifier, Corp. Semtech Corporation
|
ATV2500H ATV2500H-25DC ATV2500H-25DI ATV2500H-25DM |
120 OHM 1% 1/8 W High-Density UV-Erasable Programmable Logic Device UV PLD, 35 ns, CDIP40 High-Density UV-Erasable Programmable Logic Device OT PLD, 35 ns, PQCC44 High-Density UV-Erasable Programmable Logic Device UV PLD, 35 ns, CQCC44 High-Density UV-Erasable Programmable Logic Device OT PLD, 30 ns, PDIP40 High-Density UV-Erasable Programmable Logic Device UV PLD, 30 ns, CQCC44
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
ISPLSI2032VL ISPLSI2032VL-110LB49 ISPLSI2032VL-110 |
2.5VIn-SystemProgrammableSuperFASTHighDensityPLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP48 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 5 ns, PQCC44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 5 ns, PQFP44
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
HDSOLDERCUP HDVERTICAL 780-M26-113R051 780-MYY-113 |
MALE-HIGH DENSITY MALE-HIGH DENSITY-MACHINED CONTACTS-VERTICAL
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|