PART |
Description |
Maker |
FDR5004 FDR5002 FDR5006 FDR5000 |
50.0 Amp DISH AUTO DIODES Low forward voltage drop 50.0 Amp DISH AUTO DIODES
|
First Components Intern... FCI connector
|
KIA8159FN |
1.5V Play-Back Stereo Headphone Driver(Built-In Auto-Reverse Pre-AMP,Dual OCL Power AMP,A Ripple Filter)(1.5V 可回放立体声耳机驱动内置自动反向前置放大器,双OCL功率放大器,波纹滤波)
|
KEC Holdings
|
MXP1005 |
Solar Array Diode; Package: SEE_FACTORY; IO (A): 2.25; Cj (pF): 600; Vrwm (V): 120; VF (V): 0.84; TSTG/Top (ºC): 200; Tj (ºC): 150; IR (µA): 10; 2.25 A, 120 V, SILICON, RECTIFIER DIODE Photovoltaic By-Pass Diode 120 Volts, 2.25 Amps
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
PHN1018 PHN1018/T3 |
N-channel TrenchMOS transistor Logic level FET 10-Bit, 500ksps ADCs in MSOP with Auto Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 晶体管MOSFET的采用SOT - 96
|
NXP Semiconductors Philips Semiconductors Cooper Hand Tools
|
L5002 L5006 L5004 |
50.0 Amp LUCAS AUTO PRESSFIT High surge current capability
|
First Components International
|
1274232-2 |
Coaxial Snap-Lock ( Auto ); CONTACT,FEMALE,RG62U ( AMP )
|
Tyco Electronics
|
1N485BTR |
General Purpose Low Leakage Diode; Package: DO-35; No of Pins: 2; Container: Tape & Reel 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35
|
Fairchild Semiconductor, Corp.
|
PFFR5002 PFFR5004 PFFR5006 |
50.0 Amp FLAG TYPE AUTO PRESSFIT Low forward voltage drop
|
First Components International
|
NTE5864 NTE5889 NTE5865 |
Silicon power rectifier diode. Anode to case. Peak reverse voltage 200V. Max forward current 30A. Silicon Power Rectifier Diode, 25 Amp Silicon Power Rectifier Diode 25 Amp Silicon Power Rectifier Diode / 25 Amp
|
NTE[NTE Electronics]
|
AN1183 |
AUTO-SIZING AND AUTO-CENTERING USING TMU CELL FROM ST72774 FAMILY
|
SGS Thomson Microelectronics
|
C1206C106K4RACAUTO |
Ceramic, AUTO-(CxxxxC-AUTO), 10 uF, 10%, 16 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|