PART |
Description |
Maker |
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
CS223-4N CS223-4M |
4.0 AMP SCR 600 THRU 800 VOLTS 4 A, 800 V, SCR SMD SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MCR310-10 MCR310-10G MCR310-6 MCR310-6G MCR310-8 M |
Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors 10 A, 800 V, SCR, TO-220AB
|
ONSEMI[ON Semiconductor] http://
|
MAC320-10 MAC320-4 MAC320-6 MAC320-8 MAC320A10 MAC |
TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 200 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 600 V, 20 A, TRIAC, TO-220AB RF/Coaxial Connector; RF Coax Type:MMCX; Impedance:50ohm; Body Style:Straight Plug; Frequency Max:6GHz; Mounting Type:Edge Card; Voltage Rating:170V RoHS Compliant: Yes 800 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 800 V, 20 A, TRIAC, TO-220AB
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
IRKHF112-02CPN IRKLF180-08HPNPBF IRKLF180-08HJNPBF |
175.84 A, 200 V, SCR 282.6 A, 800 V, SCR 314 A, 800 V, SCR 314 A, 200 V, SCR
|
Amphenol, Corp.
|
TIC106B TIC106D |
5 A, 200 V, SCR, TO-220AB 5 A, 400 V, SCR, TO-220AB
|
|
TTB6C75N08KOF TDB6HK110N06KOF TDB6HK110N12KOF |
60 A, 800 V, SCR 90 A, 600 V, SCR 90 A, 1200 V, SCR
|
|
IRKLF102-08HJ IRKLF112-08HN IRKLF102-06HK IRKLF102 |
164.85 A, 800 V, SCR Silicon Controlled Rectifier, 250 A, 800 V, SCR, POWER, INT-A-PAK-5 Silicon Controlled Rectifier, 164.85 A, 600 V, SCR Silicon Controlled Rectifier, 164.85 A, 1200 V, SCR
|
Vishay Semiconductors
|
CSD-4M CSD-4N |
SMD SCR 4.0 AMP SCR 600 THRU 800 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
8P4M 8P2M 8P4M-AZ 8P2M-AZ |
12 A, 200 V, SCR, TO-220AB PLASTIC PACKAGE-3 12 A, 400 V, SCR, TO-220AB PLASTIC PACKAGE-3 8 A THYRISTOR
|
Vishay Beyschlag NEC Corp. NEC[NEC]
|
|