PART |
Description |
Maker |
M80-5T10822M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 8 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20622M1-03-334-03-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 6 x 4.5mm PC Tail signal contacts, 6 x 5mm PC Tail Power contacts 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T102M2-22-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 2 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5L12042M5-01-313-02-313 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 20 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contact 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T11205M2-00-000-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 12 x 3mm PC Tail signal contacts, 1 x 3mm PC Tail Coax contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20422M5-00-000-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M-80-332 |
DATAMATE MIX-TEK
|
Harwin Plc
|
M80-4C10805F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M80-5T1060500-06-331-02-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No jackscrews, 6 x 3mm PC Tail signal contacts, 6 x 3.5mm PC Tail Power contacts and 2 x 3mm PC Tail Coax contacts
|
HARWIN INC
|
M83-LFC1FBN19-0101-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews with extended guide, 19 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
|