PART |
Description |
Maker |
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
MIC5203 MIC5203-2.8BM5 MIC5203-3.0BM4 MIC5203-3.0B |
??ap??80mA Low-Dropout Voltage Regulator レCap80mA Low-Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 レCap80mA Low-Dropout Voltage Regulator 4.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Enhanced Product 3-V To 6-V, 3-A Output Synchronous-Buck Pwm Switcher W/Integrated Fets 20-HTSSOP -55 to 125 Replaced by PTN78060W : Low Input Voltage 3A Synchronous Buck Converter with 2.5V Output 20-HTSSOP レCap⑩ 80mA Low-Dropout Voltage Regulator μCap 80mA Low-Dropout Voltage Regulator
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
ZXCL330E5 ZXCL280 ZXCL280E5 ZXCL280H5 ZXCL1250H5 Z |
ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS IC-SM-2.6V 150MA LDO REG Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 IC-SM-2.8V 150MA LDO REG
|
ZETEX[Zetex Semiconductors] Vishay Semiconductors ZETEX PLC
|
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
AP1116Y50LA AP1116Y50L AP1116Y33A AP1116 AP1116Y A |
0.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator VOLTAGE REG POS 5V 100MA TO-92
|
ETC[ETC] ANACHIP[Anachip Corp]
|
SPX1585 SPX1585AT SPX1585AT-1.5 SPX1585AT-2.5 SPX1 |
5A Low Dropout Voltage Regulator, 2% 5A Low Dropout Voltage Regulator, 1% 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
SIPEX[Sipex Corporation]
|
LD3986J285R LD3986XX285 |
DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
|
ST Microelectronics
|
OM2940-15SM OM2940-05SM OM2940-12SM OM2940-5SM OM2 |
Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR 表面贴装0.5伏马斯洛低压差正调控
|
List of Unclassifed Manufacturers Omnirel International Rectifier ETC[ETC] Electronic Theatre Controls, Inc.
|
MIC2951-3.3YM MIC2950-05YZ MIC2950-06YZ MIC2951-03 |
150mA Low-Dropout Voltage Regulator IC REG LDO 150MA 5.0V 0.5% TO92 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
B1585 B1585J-1.5 B1585J-2.5 B1585J-3.0 B1585J-3.3 |
5.0A Low Dropout Voltage Regulator Adjustable & Fix Output 1.5V 5.0A low dropout voltage regulator 2.5V 5.0A low dropout voltage regulator 3.0V 5.0A low dropout voltage regulator 3.3V 5.0A low dropout voltage regulator Adjustable 5.0A low dropout voltage regulator
|
BayLinear
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BD00C0AWCP-V5 |
Low ESR capacitor, 1A Low Dropout Voltage Regulator with Shut Down Switch(Adjustable Voltage?/a> Low ESR capacitor, 1A Low Dropout Voltage Regulator with Shut Down Switch拢篓Adjustable Voltage拢漏
|
http:// Rohm
|