PART |
Description |
Maker |
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
OP400EY OP400HP OP400FY OP400GP OP400GS OP400HS OP |
Quad Low-Offset, Low-Power Operational Amplifier QUAD OP-AMP, 220 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, CDIP14 CAP CERAMIC 22PF 25V 0603 RF SMD Quad Low-Offset / Low-Power Operational Amplifier
|
Analog Devices, Inc.
|
M74HC7266B1R M54_74HC266 M54HC266 M54HC266F1R M54H |
HC7266 QUAD EXCLUSIVE NOR GATE HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN Low-Voltage Adjustable Precision Shunt Regulator 6-SC70 0 to 70 HC266四异或非门极漏极开路HC7266四异或非 12-Bit, 3 us DAC, Serial Input, Pgrmable Settling Time/Power Consump., Voltage O/P Range=2x VRef. 8-SOIC 0 to 70 HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
|
SGS Thomson Microelectronics ST Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
MC74LCX0805 MC74LCX125DG MC74LCX12505 MC74LCX138DR |
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?Tolerant Inputs Dual Low?Voltage CMOS 2?to?4 Decoder/Demultiplexer With 5V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Non?Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs (Inverting)
|
ONSEMI[ON Semiconductor]
|
MAX3374EEBL-T MAX3374EEKA-T MAX3390EEBC-T MAX3390E |
??5kV ESD-Protected, 1??, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP SPECIALTY INTERFACE CIRCUIT, PDSO14 15kV ESD-Protected, 1レA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD保护1µA16Mbps、双/四路、低电压电平转换器,UCSP封装 5kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP Serdes (Serializer/Deserializer) Transmitter 56-TSSOP ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
NJM2292 NJM2292V |
Quad, Low-Voltage, Low Power, RRO 14-SOIC -40 to 125 窄带调频中频芯片 NARROW BAND FM IF IC
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
LM2901D |
Low Power Low Offset Voltage Quad Comparators
|
Tiger Electronic Co.,Ltd
|
AZ339 AZ339P AZ339M |
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
|
List of Unclassifed Manufacturers ETC[ETC]
|
TC1030 TC1030EQR TC1030EQRTR |
The TC1030 is a quad CMOS operational amplifier designed for low power applications. It has a typical operating supply current of ... Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
LM339AD LM239ADT LM339N LM139AD LM339PT LM339D LM1 |
Low-power quad voltage comparators QUAD COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14
|
STMICROELECTRONICS
|