PART |
Description |
Maker |
CTX8-1A-R CTX0.47-1-R CTX0.47-2-R CTX0.47-2P-R CTX |
ECONO-PAC?OCTA-PAC? OCTA-PAC? PLUS Power Inductors and Transformers Surface mount magnetics that can be used as singleor coupled inductors or 1:1 transformers that provide isolation between two windings 2 ELEMENT, 0.284 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD 2 ELEMENT, 0.6 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
CPC177710 CPC1777J |
i4-PAC DC Power Relay i4-PACDC Power Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX i4-PAC?DC Power Relay
|
Clare, Inc.
|
PM-V010190 PM-V050055 PM-V030066 PM-V030083 PM-V03 |
VERSA-PAC INDUCTORS & TRANSFORMERS
|
Premier Magnetics, Inc.
|
NRSG NRSG821M63V8X20TRF NRSG101M100V10X12.5TRF NRS |
Miniature Aluminum Electrolytic Ca pac i tors
|
http:// NIC Components Corp. NIC[NIC-Components Corp.]
|
HW-300B |
Shipped in bulk (500pcs per pack).
|
List of Unclassifed Manufacturers ETC
|
MS-P043 |
Shipped in stick (300 pcs per pack)
|
Asahi Kasei Microsystems
|
FP2-D047-R FP2-S082-R FP2-D068-R FP2-D120-R FP2-S0 |
FLAT-PAC Low Profile Inductors (Surface Mount)
|
List of Unclassifed Manufacturers
|
VMO80-05P1 |
82 A, 500 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET ECO-PAC-2, DIE-18
|
IXYS, Corp.
|
HG-106A HG106A |
Shipped in packet-tape reel(4,000pcs per reel) Shipped in packet-tape reel
|
Asahi Kasei Microsystems Asahi Kasei Microsystem...
|
VDI75-12P1 VIO75-12P1 VII75-12P1 VID75-12P1 |
IGBT Modules in ECO-PAC 2 Short Circuit SOA Capability Square RBSOA IGBT Modules in ECO-PAC 2 Short Circuit SOA Capability Square RBSOA 92 A, 1200 V, N-CHANNEL IGBT
|
IXYS[IXYS Corporation] IXYS, Corp.
|
HW302B |
High-sensitivity InSb Hall element. Thin SIP package. Shipped in bulk (500pcs per pack).
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
HW-105C |
Shipped in packet-tape reel(5,000pcs per reel) 出货包带卷(每卷5,000个)
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|