PART |
Description |
Maker |
3-1-6WL 2-2-1D 2-2-1J 2-2-1W 2-2.5-6D 2-2.5-6J 2-2 |
Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
|
Bourns Electronic Solutions
|
AK20D300-SOJ AK20D300-SSOP.8MM AK24D300-SOJ AK16D3 |
16 Pin to 24 Pin DIP Adapters 16引脚4引脚DIP适配 16 Pin to 24 Pin DIP Adapters 16引脚24引脚DIP适配
|
Accutek Microcircuit, Corp.
|
AM2964B/BQA AM2964B/BUA AM2964BPC AM2964BDMB AM296 |
3 Phase Driver, Inverting Input, 0.8us Deadtime in a 28-pin DIP package; A IR2132 packaged in a 28-Lead SOIC shipped on Tape and Reel 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package; A IR2130 packaged in a 28-Lead PDIP Half Bridge Driver, Soft Turn-On, Separate High and Low Side Inputs, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2108 packaged in a 8-Lead PDIP DRAM控制 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package; A IR2130 packaged in a Lead-Free 28-Lead SOIC DRAM控制 Half Bridge Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2304 packaged in a 8-Lead SOIC DRAM控制
|
NXP Semiconductors N.V.
|
PS7122A-2A PS7122A-1A PS7122AL-1A PS7122AL-1A-E4 P |
OCMOS FET High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead SOIC Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead SOIC 1200V Half Bridge Driver IC for Power Switching Applications in a 24 Lead SSOP package; A IR2214 packaged in a Lead-Free 24 Lead SSOP FET-OUTPUT OPTOCOUPLER Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a Lead-Free 16-Lead SOIC shipped on Tape and Reel Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead PDIP OCMOS场效应管 Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC, Corp.
|
PS7112-1A PS7112L PS7112L-1A PS7112L-1A-E3 PS7112L |
6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6引脚DIP00毫安的连续负载电1通道光学耦合场效应晶体管 Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Solid State Relay(固态继电器) 6-PIN DIP / 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6-PIN DIP 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
14-354W00-10 16-354W00-10 20-354W00-10 24-354W00-1 |
24-Pin SOWIC-to-22-Pin 0.400 CRT DIP Adapter for 75ALS162 and Others
|
Aries Electronics, Inc.
|
1445QQPL 1446QQPL |
Bulk Metal Foil Technology, 1445Q-14 Pin and 1446Q-16 Pin DIP Packages
|
Vishay
|
EPA3507G-75 EPA3507G-50 EPA3507G-440 EPA3507G-40 E |
ACTIVE DELAY LINE, INVERTED OUTPUT, DIP8 14 Pin DIP and SMD 5 Tap Both Edges Controlled Fast Logic TTL Compatible Active Delay Lines
|
PCA ELECTRONICS INC.
|
16-304633-18-P 16-304633-18 |
20-Pin PLCC-to-16-Pin DIP Adapter for Motorola MC12009 and Others
|
Aries Electronics, Inc.
|
AWSZTMXA-T AWSZTMXD-T AWSZTMXS-T AWSZTMGA-T AWSZTM |
CERAMIC RESONATOR, 2 MHz - 7.99 MHz SMD, 3 PIN CERAMIC RESONATOR, 20 MHz - 50 MHz SMD, 3 PIN CERAMIC RESONATOR, 13.01 MHz - 50 MHz SMD, 3 PIN CERAMIC RESONATOR, 8 MHz - 13 MHz SMD, 3 PIN HIGH FREQUENCY, WITHOUT BUILT-IN CAPACITORS SMD WASHABLE CERAMIC RESONATORS
|
Abracon, Corp. Abracon Corporation
|
4N25M 4N37FR2M 4N35FR2M 4N36FR2M 4N28FR2M 4N26FR2M |
6-Pin DIP Package Phototransistor Output Optocoupler 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER 6-Pin DIP Package Phototransistor Output Optocoupler; Package: DIP-W; No of Pins: 6; Container: Bulk 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER 6-Pin DIP Package Phototransistor Output Optocoupler; Package: SMDIP-W; No of Pins: 6; Container: Tape & Reel 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER 6-Pin DIP Package Phototransistor Output Optocoupler; Package: SMDIP-W; No of Pins: 6; Container: Bulk 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER General Purpose 6-Pin Phototransistor Optocouplers
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
IR2121 |
Single Low Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package
|
International Rectifier
|