PART |
Description |
Maker |
UGB-10 |
2.3 A, 10000 V, SILICON, RECTIFIER DIODE
|
MICROSEMI CORP-COLORADO
|
BYX103G BYX101 BYX101G BYX102G BYX104G BYX103GT/R |
0.31 A, 10000 V, SILICON, SIGNAL DIODE HERMETIC SEALED, GLASS PACKAGE-2 High-voltage soft-recovery controlled avalanche rectifiers
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
SP50F FP50F FP75F SP25F FP25F SP75F FP150F FP100F |
High Voltage Rectifier Stacks 2.2 A, 10000 V, SILICON, RECTIFIER DIODE
|
Voltage Multipliers, Inc.
|
BZX84C2V4LT1D BZX84CXXXLT1 BZX84BXXXLT1 BZX84CXXXL |
Zener Voltage Regulators 225 mW SOT−23 Surface Mount Zener Diode 225 mW 4.3 V ±5%SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 4.3 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Diode 225 mW 5.6 V ±5%SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 5.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 18 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB 13 V, 0.225 W, SILICON, BIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB 33 V, 0.225 W, SILICON, BIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
|
ON Semiconductor
|
SP4-2512/883 SP2-2512/883 SP4-2510-2 SP3-2512-2 SP |
OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CQCC20 CERAMIC, LCC-20 OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, MBCY8 METAL CAN-8 OP-AMP, 8000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CQCC20 OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDIP8
|
Ecliptek, Corp.
|
ZFSC-2-10G ZFSC-2-10G1 |
Power Splitter/Combiner 2 Way-0掳 50惟 2000 to 10000 MHz Power Splitter/Combiner 2 Way-0 50惟 2000 to 10000 MHz Power Splitter/Combiner 2 Way-0 50Ω 2000 to 10000 MHz Power Splitter/Combiner 2 Way-0° 50Ω 2000 to 10000 MHz
|
Mini-Circuits
|
UPA2520T1H-T2-AT |
10000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
|
SG307T |
OP-AMP, 10000 uV OFFSET-MAX, MBCY8
|
|
HMC611 |
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
|
Hittite Microwave Corporation
|
FDS6690SL86Z |
10000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
MMSF10N02ZR2 |
10000 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET CASE 751-07, SOP-8
|
ON Semiconductor
|
|