PART |
Description |
Maker |
AS7C25512FT32_36A AS7C25512FT32A-10TQC AS7C25512FT |
2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 36 STANDARD SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 10 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 8.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 47Vz 5.5mA-Izt 0.05 5uA-Ir 35.8Vr DO41-GLASS 5K/REEL Sync SRAM - 2.5V 2.5V 512K x 32/36 flowthrough burst synchronous SRAM
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC Alliance Semiconductor ...
|
N08M1618L1AW N08M1618L1A N08M1618L1AB N08M1618L1AB |
8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K × 16 bit 8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 】 16 bit 512K X 16 STANDARD SRAM, 150 ns, PBGA48 BGA-48
|
AMI[AMI SEMICONDUCTOR] Unisonic Technologies Co., Ltd.
|
AS5C4009ECJ-85L_883C AS5C4009ECJ-85L_IT AS5C4009EC |
512K x 8 SRAM Ultra Low Power SRAM 512K X 8 STANDARD SRAM, 100 ns, CDIP32 512K X 8 STANDARD SRAM, 85 ns, CDSO32 512K X 8 STANDARD SRAM, 70 ns, CDSO32 512K X 8 STANDARD SRAM, 55 ns, CDSO32
|
MICROSS COMPONENTS AUSTIN SEMICONDUCTOR INC
|
GLT6400L08SL-85ST GLT6400L08LL-85ST GLT6400L08SLI- |
Ultra Low Power 512k x 8 CMOS SRAM 超低功率12k × 8 CMOS SRAM
|
Electronic Theatre Controls, Inc.
|
IDT71V424L IDT71V424S10PH IDT71V424S10PHG IDT71V42 |
3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT) 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TRANS NPN W/RES 60 HFE NS-B1 512K X 8 STANDARD SRAM, 10 ns, PDSO36 TRANS NPN W/RES 80 HFE NS-B1 3.3V 512K x 8 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
AS7C4096A-12TCN AS7C4096A-15JI |
IC,AS7C4096A-12TCN,TSOP-44 II, SRAM,12NS,512K X 8,5V 512K X 8 STANDARD SRAM, 12 ns, PDSO44 512K X 8 STANDARD SRAM, 15 ns, PDSO36
|
Alliance Memory, Inc. ALLIANCE MEMORY INC
|
BS616LV8017 BS616LV8017FIP70 BS616LV8017EC BS616LV |
Very Low Power/Voltage CMOS SRAM 512K X 16 bit Asynchronous 8M(512Kx16) bits Static RAM Very Low Power/Voltage CMOS SRAM 512K X 16 bit 非常低功电压CMOS SRAM的为512k × 16
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
GS88018BT-133 GS88018BT-133I GS88018BT-150 GS88018 |
133MHz 8.5ns 512K x 18 9Mb sync burst SRAM 150MHz 7.5ns 512K x 18 9Mb sync burst SRAM 166MHz 7ns 512K x 18 9Mb sync burst SRAM 200MHz 6.5ns 512K x 18 9Mb sync burst SRAM 225MHz 6ns 512K x 18 9Mb sync burst SRAM 250MHz 5.5ns 512K x 18 9Mb sync burst SRAM
|
GSI Technology
|
K6F4008R2CFAMILY K6F4008R2C-FF850 |
512K X 8 STANDARD SRAM, 85 ns, PBGA48 512K x 8bit Super Low Power and Low Voltage Full CMOS Static RAM Data Sheet
|
Samsung Electronic
|
AS7C25512PFD32_36A AS7C25512PFD32A AS7C25512PFD32A |
2.5V 512K x 32/36 pipelined burst synchronous SRAM 512K X 32 STANDARD SRAM, 3.8 ns, PQFP100 2.5V 512K x 32/36 pipelined burst synchronous SRAM 2.5V的为512k × 32/36管线爆裂同步SRAM 2.5V 512K x 32/36 pipelined burst synchronous SRAM 512K X 32 STANDARD SRAM, 3.5 ns, PQFP100 Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC Alliance Semiconductor Corp...
|
IS61NLF25636A-7.5B2I-TR IS61NLF51218A-7.5B3I-TR IS |
256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 6.5 ns, PQFP100
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
AS8S512K32AP-45/IT AS8S512K32Q-45LIT AS8S512K32P-4 |
512K X 32 MULTI DEVICE SRAM MODULE, 45 ns, PGA66 512K x 32 SRAM memory array
|
AUSTIN SEMICONDUCTOR INC
|