PART |
Description |
Maker |
2SC9011 |
Transistor. AM converter, AM/FM IF amplifier general purpose transistor. Collector-base voltage Vcbo = 60V. Collector-emitter voltage Vceo = 30V. Emitter-base voltage Vebo = 5V. Collector dissipation Pc(max) = 400mW. Collector current Ic
|
USHA India LTD
|
2SA954 |
Audio frequency amplifier. Collector-base voltage: Vcbo = -80V. Collector-emitter voltage: Vceo = -80V. Emitter-base voltage Vebo = -5V. Collector dissipation: Pc(max) = 600mW.
|
USHA India LTD
|
2N5088 |
Amplifier transistor. Collector-emitter voltage: Vceo = 30V. Collector-base voltage: Vcbo = 35V. Collector dissipation: Pc(max) = 625mW.
|
USHA India LTD
|
2SD1001 |
World standard miniature package:SOT-89. High collector-emitter voltage.
|
TY Semiconductor Co., Ltd
|
2SD1007 |
High collector to emitter voltage: VCEO 120V.Collector-base voltage VCBO 120 V
|
TY Semiconductor Co., Ltd
|
2N5337A-220M |
SILICON NPN EPITAXIAL BASE IN TO220 METAL PACKAGE NPN Epitaxial Base Transistor(TO220 Metal PackageNPN外延晶体管(TO220 金属封装,高可靠性)) DIODE SCHOTTKY SINGLE 25V 150mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-523 3K/REEL
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
2SA733 |
Collector-Base Voltage: VCBO=-60V Emitter to base voltage VEBO -5.0 V
|
TY Semiconductor Co., Ltd
|
EMC2DXV5T5G EMC4DXV5T1 EMC4DXV5T1G EMC4DXV5T5 EMC4 |
Dual Common Base-Collector Bias Resistor Transistors(双共基极-集电极偏置电阻晶体管) 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR Dual Common Base−Collector Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
|
ONSEMI[ON Semiconductor]
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
2SA1608 |
High fT: fT=400MHz. Collector-base voltage VCBO -60 V
|
TY Semiconductor Co., Ltd
|
NSB1010XV5T5 |
Dual Common Base-Collector Bias Resistor Transistors
|
ON Semiconductor
|
2SC2462 |
Low frequency amplifier. Collector-base voltage VCBO 50 V
|
TY Semiconductor Co., Ltd
|