PART |
Description |
Maker |
2-1393816-5 2-1393816-6 2-1393816-8 2-1393816-2 2- |
Cradle W Relay V23005
|
Tyco Electronics
|
2-1393817-0 2-1393817-1 2-1393817-2 |
Cradle P Relay V23003
|
Tyco Electronics
|
G75-010-05H-AGBA-H G76-010-05H-AGGA-H CAM-G76 |
Interface Connectors for Cradle PCB CONNECTOR Interface Connectors for Cradle 接口连接器的摇篮
|
MITSUMI ELECTRIC CO., LTD.
|
DS1404 |
Touch and Hold Probe Cable Cradle
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor]
|
CPC177710 CPC1777J |
i4-PAC DC Power Relay i4-PACDC Power Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX i4-PAC?DC Power Relay
|
Clare, Inc.
|
FDJ1028N |
Plug-In Relay; Contacts:DPDT; Contact Carry Current:12A; Coil Voltage AC Max:12V; Relay Mounting:Plug-In; Relay Terminals:8-Pin Octal; Relay Options:Hermetically Sealed; Coil Resistance:72ohm; Contact Carrying Power:1.2W RoHS Compliant: Yes N-Channel 2.5 Vgs Specified PowerTrench MOSFET
|
Fairchild Semiconductor Corporation
|
RIF-2-RSC-LDP-125DC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 125 V DC
|
PHOENIX CONTACT
|
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
ARE13A03Z |
2.6GHz Relay, 1 Form C, 0.5A 30VDC Relay, 75ohms, SMD RF RELAY, SPDT, MOMENTARY, 0.067A (COIL), 3VDC (COIL), 200mW (COIL), 0.01A (CONTACT), 24VDC (CONTACT), 2600MHz, SURFACE MOUNT-STRAIGHT
|
Panasonic, Corp.
|
PVA33 |
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
|
http:// International Rectifier
|
1SAR501032R0005 |
SPECIAL RELAY-SAFETY RELAY, 5PST, MOMENTARY, DIN-RAIL MOUNT
|
ABB SWITZERLAND LTD SEMICONDUCTORS
|