PART |
Description |
Maker |
1N1673 1N1660 1N2054 1N3270 1N3271 1N3272 1N3273 1 |
SILICON POWER RECTIFIER Standard Rectifier (trr more than 500ns) 标准整流器(花环率超00ns的) Round Conductor Flat Cable, 2049/26 30 AWG, .025 (0.64) 275 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AB CLOTH CLEANING HI-PERF BLUE 275 A, 500 V, SILICON, RECTIFIER DIODE, DO-205AB CABLE 100 COND .025 FLAT 100FT Round Conductor Flat Cable, 2049/100 30 AWG, .025 (0.64) Round Conductor Flat Cable, 2049/36 30 AWG, .025 (0.64) Round Conductor Flat Cable, 2049/34 30 AWG, .025 (0.64) Round Conductor Flat Cable, 2049/20 30 AWG, .025 (0.64) Round Conductor Flat Cable, 2049/40 30 AWG, .025 (0.64) Masking Tape; Tape Backing Material:Crepe Paper; Width:1"; Roll Length:60yard; Adhesive Material:Rubber; Leaded Process Compatible:No; Pack Quantity:1 RoHS Compliant: Yes 275 A, 1200 V, SILICON, RECTIFIER DIODE, DO-205AB
|
Motorola Mobility Holdings, Inc. Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
BYT40Y |
Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Chrome RoHS Compliant: Yes 硅梅萨整流器 Silicon Mesa Rectifier From old datasheet system
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
AI-302 |
SMA Straight Connectors, Direct Solder(Cable Conductor used as Center Contact) Type for semi-rigid cable
|
ITT Corporation ITT[ITT Industries]
|
AAT1152IKS-1.8-T1 AAT1152IKS-1.0-T1 AAT1152IKS-3.3 |
850kHz 1A Synchronous Buck DC/DC Converter 850kHz 1A条同步降压DC / DC转换 Paired Cable; Number of Conductors:8; Conductor Size AWG:24; Number of Pairs:4; Jacket Color:White/Black; Leaded Process Compatible:Yes; Spool Length:1000ft RoHS Compliant: Yes Triaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Capacitance:17pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
LC37G-183C1_60 LC30G LC30G191C1_10 LC30G191C1_100 |
From old datasheet system Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft RoHS Compliant: Yes Belden Shielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Bare Copper Solid, Shielding: Beldfoil, Jacket: Red PVC Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:27uF; Conductor Material:Copper RoHS Compliant: Yes Belden Unshielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Bare Copper, Jacket: Gray PVC, Applications: Security systems, intercom/PA systems, sound/audio, power l Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:7 x 28; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:31uF; Conductor Material:Copper RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes TRANS PNP BIPOLAR 45V SOT323 DC GEARED MOTORS 直流减速电
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
A-MO-8-8-SF AE1200 |
MODULAR PLUG 8P8C UNSHIELD
|
Assmann Electronics Inc.
|
HA4-5221_883 HA7-5221_883 5962-9163401M2A 5962-916 |
Low Noise, Wideband, Precision Operational Amplifier OP-AMP, 1500 uV OFFSET-MAX, 40 MHz BAND WIDTH, CDIP8 Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:27uF; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:17uF; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
12IMR25-051515-2 12IMR40-051515-2 24IMR25-051515-2 |
25...40WattDC-DCConverters 1-OUTPUT 40 W DC-DC REG PWR SUPPLY MODULE Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:90 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Jacket Color:Natural RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.3pF/ft; Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes 25...40 Watt DC-DC Converters
|
Power-One, Inc. POWER-ONE[Power-One]
|
CYWM6935 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:56pF/ft; Conductor Material:Copper RoHS Compliant: Yes WirelessUSB LR Radio Module
|
Cypress Semiconductor Corp.
|
VN02AN VN02AN011Y VN02AN012Y 6066 VN02AN_012Y VN02 |
Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Voltage Nom.:600V RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Pink; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes HIGH SIDE SMART POWER SOLID STATE RELAY From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
VB029SP 6060 VB029 VB029_011Y VB029_012Y VB029011Y |
Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Voltage Nom.:600V RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Pink; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes From old datasheet system HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|