PART |
Description |
Maker |
DFE18SANR24MG0-18 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range.
|
Murata Manufacturing Co...
|
DFE18SANR47ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
S307 S30760 R30760 R30720 R30740 S30720 S30740 |
Inductor; Inductor Type:Standard; Inductance:100nH; Inductance Tolerance: 5 %; Current Rating:300mA; Series:LG HK; Package/Case:0603; Core Material Silicon Power Rectifier
|
MICROSEMI[Microsemi Corporation]
|
PM3308-151M-RC |
Power Inductor; Series:PM3308; Inductance:150uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:0.5A; DC Resistance Max:1.2ohm; Leaded Process Compatible:Yes
|
BOURNS INC
|
PM54-330L-RC BOURNSINC-PM54-470L-RC |
Power Inductor; Series:PM54; Inductance:33uH; Inductance Tolerance: /- 15 %; Self Resonant Frequency:16MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:880mA; Leaded Process Compatible:Yes
|
BOURNS INC
|
BOURNSINC-PM40-390K PM40-1R8K PM40-120K PM40-271K |
Ferrite Bead Inductor; Series:PM40; Inductance:1.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:390mA Ferrite Bead Inductor; Series:PM40; Inductance:12uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:18MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:225mA Ferrite Bead Inductor; Series:PM40; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:92mA Ferrite Bead Inductor; Series:PM40; Inductance:120uH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:6MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:110mA Ferrite Bead Inductor; Series:PM40; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:70MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:410mA Ferrite Bead Inductor; Series:PM40; Inductance:680nH; Inductance Tolerance: /- 20 %; Q Factor:30; Self Resonant Frequency:160MHz; Terminal Type:PCB Surface Mount; Current Rating:450mA; Leaded Process Compatible:No 1 ELEMENT, 0.27 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
LQW15AN24NG80 LQW15AN24NJ80 LQW15AN75NG80 LQW15AN7 |
1005/0402 (mm/inch) RF Inductors (Coils) Inductance Inductance
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|
6000-560K-RC 6000-391K-RC 6000-392K-RC 6000-390K-R |
Unshielded Surface Mount Inductors 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Lead RF Chokes RF Choke; Series:6000; Inductance:68uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:4.9MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.36A; DC Resistance Max:0.21ohm RF Choke; Series:6000; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Q Factor:20; Self Resonant Frequency:29MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.1A; DC Resistance Max:0.035ohm RF Choke; Series:6000; Inductance:47uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:6.5MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.77A; DC Resistance Max:0.16ohm
|
NorComp Bourns Electronic Solutions BOURNS INC
|
5800-123-RC 5800-102-RC 5800-152-RC 5800-121-RC 58 |
High I , Axial Choke 1 ELEMENT, 12000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR RF Choke; Series:5800; Inductance:1mH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.2A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:2.3ohm RF Choke; Series:5800; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.158A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:3.45ohm RF Choke; Series:5800; Inductance:120uH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.508A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:0.283ohm VW-1 rated shrink tubing to cover winding
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|
HR30-6R-6S HR30-6R-6PC HR30-6RA-6SD HR30-6J-10P HR |
Inductor; Inductor Type:High Frequency; Inductance:4.7nH; Inductance Tolerance: 10 %; Current Rating:500mA; Series:IFC; Package/Case:0805; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape RoHS Compliant: Yes 微型防水塑料连接 0.5 in Diameter, 200mA Single Deck Rotary Switch 微型防水塑料连接 Miniature Waterproof Plastic Connectors 微型防水塑料连接 Inductor; Series:IFC; Inductance:3.9nH; Inductance Tolerance: /- 10 %; Q Factor:15; Self Resonant Frequency:9GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Current Rating:500mA; Leaded Process Compatible:Yes Inductor; Inductor Type:High Frequency; Inductance:8.2nH; Inductance Tolerance: 5 %; Current Rating:500mA; Series:IFC; Package/Case:0603; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
http:// Airborn, Inc. HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
HNC1-2.5P-12DSL HNC2-2.5P-10DS HNC2-2.5P-10DSL HNC |
2.5mm Pitch Connector for Discrete Wire Connection 2.5毫米间距连接线连接离 RESISTOR 2.4 OHM .5W CARB COMP 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:5.5A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Tape And Reel 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:6A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape INDUCTOR 2525CZ 0.47 UH 20% LOW PROFILE HIGH CURRENT Inductor; Inductor Type:High Frequency; Inductance:2.2uH; Inductance Tolerance: 20 %; Current Rating:8A; Series:IHLP-2525CZ; Package/Case:PCB Surface Mount; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
BOURNSINC-SRU1028-1R0Y SRU1028-3R3Y SRU1028-1R5Y |
Power Inductor; Series:SRU1028; Inductance:3.3uH; Inductance Tolerance: /- 30 %; DC Current Rating:4.60A; Q Factor:14; Self Resonant Frequency:55MHz; Package/Case:1028; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR/RI Power Inductor; Series:SRU1028; Inductance:1.5uH; Inductance Tolerance: /- 30 %; DC Current Rating:6.50A; Q Factor:12; Self Resonant Frequency:80MHz; Package/Case:1028; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR/RI
|
BOURNS INC
|