PART |
Description |
Maker |
ZXLD1366QEN8TC |
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
|
Diodes Incorporated
|
ZXLD1356 |
High accuracy 550mA, 60V LED driver with internal switch
|
Diodes Incorporated
|
ZXLD1371 ZXLD1371QESTTC ZXLD1371EST16TC |
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
|
Diodes Incorporated
|
HFX6015-548 HFX6015-200 |
Super bright LED for optical fiber communication High accuracy by use of special plastic package with centered LED die
|
Honeywell Solid State E...
|
MAX814 MAX814C MAX815 MAX815C MAX815CPA MAX815CSA |
-1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit. 【1% Accuracy, Low-Power, 3V and 5V レP Supervisory Circuits 1% Accuracy Low-Power 3V and 5V P Supervisory Circuits 1% Accuracy, Low-Power, 3V and 5V P Supervisory Circuits ±1% Accuracy, Low-Power, 3V and 5V μP Supervisory Circuits ??% Accuracy, Low-Power, 3V and 5V ?? Supervisory Circuits -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit.
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
DS620 DS620U DS620U_TR DS620U/TR |
Low-Voltage, -0.5°C Accuracy Digital Thermometer and Thermostat Low-Voltage/ 0.5C Accuracy Digital Thermometer and Thermostat 240 x 64 pixel format, CFL, LED, or EL Backlight available VOLTAGE REG POS 6V 100MA SOT-89 Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat Low-Voltage, -0.5∑C Accuracy Digital Thermometer and Thermostat
|
http:// Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
HV9912NG-G HV9912 |
Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
|
Supertex, Inc
|
LT3763HFETRPBF LT3763HFEPBF |
60V High Current Step-Down LED Driver Controller
|
Linear Technology
|
ADP3338 ADP3338AKC-18 ADP3338AKC-25 ADP3338AKC-285 |
0.3-8.5V; high accuracy ultralow 1A anyCAP low dropout regulator. For notebook, palmtop computers, SCSI terminators, battery-powered systems CONNECTOR 5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 Two, Three and Four Cell Lithium or Lithium-Polymer Battery Protection AFE 30-TSSOP -40 to 110 高精度超低智商,一甲,anyCAP低压差稳压器 High-Accuracy Ultralow IQ/ 1 A/ anyCAP Low Dropout Regulator JT 55C 55#20 PIN RECP JT 100C 100#22D PIN RECP Circular Connector; No. of Contacts:21; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-21 RoHS Compliant: No From old datasheet system High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator High Accuracy Ultralow Quiscent Current, 1A, any CAPDropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
BCP56M |
NPN Silicon AF Transistor for AF driv...
|
Infineon
|
2SA1290 |
60V/7A High-Speed Switching Applications 60V/7A高速开关应
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
MAX688 MAX688CPA MAX688CSA MAX688CUA MAX688EPA MAX |
(103.27 k) High-Accuracy, Low-Dropout Linear Regulators From old datasheet system High-Accuracy / Low-Dropout Linear Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|