PART |
Description |
Maker |
WPANTDP088-R1A |
This is a high gain MIMO Panel antenna that operates in the 2.6 GHz WiMAX band
|
World Produts Inc.
|
1307023 ANPC-174G-P-0-SF ANPC-172G-P-0-SF ANPC-173 |
Picocell Antennas Picocell Antennas 微微蜂窝天线 Mag amp toroid, not RoHS 微微蜂窝天线 Transformer, CCFL, SMT, RoHS Hook-Up Wire; Conductor Size AWG:10; No. Strands x Strand Size:65 x 28; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 1710-1880 MHz, Picocell antenna 1850-1990 MHz, Picocell antenna 2400-2500 MHz, Picocell antenna
|
Vishay Beyschlag MACOM[Tyco Electronics] MA-Com
|
2500AT44M0400E 2500AT44M0400E_PB 2500AT44M0400S 25 |
WiMAX 2.3 - 2.7 GHz Chip Antenna
|
Johanson Technology Inc...
|
AWL6254RD1Q4 AWL6254RS35P0 |
2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
ANADIGICS INC
|
55305-5 60112-4 60114-2 60118-1 |
2100 MHz - 2300 MHz HELIX ANTENNA, 15 dBi GAIN 700 MHz - 850 MHz HELIX ANTENNA, 12 dBi GAIN 1060 MHz - 1440 MHz HELIX ANTENNA, 12 dBi GAIN 2500 MHz - 3000 MHz HELIX ANTENNA, 14 dBi GAIN
|
ANDREW CORP
|
2224-6L |
2000-2400 MHz, Class C, Common Base; fO (MHz): 2400; P(out) (W): 6; P(in) (W): 1.2; Gain (dB): 7; Vcc (V): 22; Case Style: 55LV-1 S BAND, Si, NPN, RF POWER TRANSISTOR 3.3V EconoReset 6 Watts, 22 Volts, Class C Microwave 2200-2400 MHz
|
Microsemi, Corp. GHZTECH[GHz Technology]
|
BLF6G27LS-75 BLF6G27-75 |
Product description75 W LDMOS power transistor for base station applications at frequencies from 2500 MHz to 2700 MHz WiMAX power LDMOS transistor S BAND, Si, N-CHANNEL, RF POWER, MOSFET 75 W LDMOS power transistor for base station applications at frequencies from 2500 MHz to 2700 MHz. BLF6G27-75<SOT502A (LDMOST)|<<http://www.nxp.com/packages/SOT502A.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
MAX2750 MAX2750EUA MAX2750-MAX2752 MAX2751EUA MAX2 |
CAP 8200PF 25V 10% X7R SMD-0402 TR-7 PLATED-NI/SN VCO, 2400 MHz - 2500 MHz POT 50K OHM 6MM CARBON SIDE ADJ 2.4GHz Monolithic Voltage-Controlled Oscillators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
FGPANEL66 |
2.4 GHz panel antenna
|
List of Unclassifed Manufac...
|
MAX2242 MAX2242EBC-T MAX2242EBC |
2.4GHz to 2.5GHz Linear Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|