PART |
Description |
Maker |
ADSP-2186LBST-133 ADSP-2186LKST-133 ADSP-2186LBST- |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection DSP Microcomputer 24-BIT, 16.67 MHz, OTHER DSP, PQFP100 DSP Microcomputer 24-BIT, 20 MHz, OTHER DSP, PQFP100
|
Analog Devices, Inc.
|
ADSP-21367KBP-3A |
0-BIT, 25 MHz, OTHER DSP, PBGA256 SBGA-256
|
Analog Devices, Inc.
|
ADSP-21367KBPZ-X |
32-BIT, 55.55 MHz, OTHER DSP, PBGA256 LEAD FREE, MO-192BAL-2, SBGA-256
|
Analog Devices, Inc.
|
ADSP-21060LCB-133 ADSP-21060LCBZ-133 ADSP-21060KSZ |
48-BIT, 33.33 MHz, OTHER DSP, PBGA225 PLASTIC, MS-034AAJ-2, BGA-225 48-BIT, 33.33 MHz, OTHER DSP, PBGA225 ROHS COMPLIANT, PLASTIC, MS-034AAJ-2, BGA-225 48-BIT, 33.33 MHz, OTHER DSP, PQFP240 ROHS COMPLIANT, MS-029GA, MQFP-240 48-BIT, 33.33 MHz, OTHER DSP, CQFP240 CERAMIC, QFP-240
|
Analog Devices, Inc.
|
ADSP-21MSP50AKG-52 ADSP-21MSP56AKS-52 ADSP-21MSP55 |
24-BIT, 13 MHz, MIXED DSP, CPGA144 PGA-144 24-BIT, 13 MHz, OTHER DSP, PQFP100 PLASTIC, QFP-100
|
Analog Devices, Inc.
|
ADSP-21992 ADSP-21992YST ADSP-21992YBC |
Mixed-Signal DSP Controller with CAN 16-BIT, 150 MHz, OTHER DSP, PBGA196
|
Analog Devices, Inc.
|
ADSP-2186BST-133 ADSP-2186KST-133 ADSP-2186BCA-160 |
DSP Microcomputer 24-BIT, 16.67 MHz, OTHER DSP, PQFP100
|
Analog Devices, Inc.
|
CS48520-CQZ CS48560-CQZ CS48560-DQZ |
Audio DSP IC; Series:CS48500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Supply Voltage Max:2.5V RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48
|
Cirrus Logic, Inc.
|
GDPXA255A0C400 GDPXA255A0E200 GDPXA255A0C200 GDPXA |
32-BIT, 400 MHz, MICROPROCESSOR, PBGA256 17 X 17 MM, 1.75 MM HEIGHT, PLASTIC, BGA-256 32-BIT, 200 MHz, MICROPROCESSOR, PBGA256 17 X 17 MM, 1.75 MM HEIGHT, PLASTIC, BGA-256 32-BIT, 300 MHz, MICROPROCESSOR, PBGA256 17 X 17 MM, 1.75 MM HEIGHT, PLASTIC, BGA-256
|
Intel, Corp. INTEL CORP
|
AT572D740 |
Dual CPU Processor with integrated mAgic VLIW DSP and an ARM7TDMI™ RISC MCU. The DSP operates on a 32-bit integer and IEEE ... DIOPSIS 740 Dual Core DSP
|
ATMEL[ATMEL Corporation]
|
ADSP-2105BPZ-80 |
24-BIT, 20 MHz, OTHER DSP, PQCC68
|
ANALOG DEVICES INC
|
ADSP-2105BP-80REEL |
24-BIT, 20 MHz, OTHER DSP, PQCC68
|
ANALOG DEVICES INC
|
|