PART |
Description |
Maker |
2N5166 2N4147 2N1600 2N1598 2N893 2N899 |
20 A, 400 V, SCR 0.25 A, 100 V, SCR, TO-52 8 A, 50 V, SCR, TO-64 1.6 A, 300 V, SCR, TO-5 0.25 A, 15 V, SYMMETRICAL GTO SCR, TO-18 0.25 A, 100 V, GATE TURN-OFF SCR, TO-18
|
SEMITRONICS CORP
|
IZF1167-7F25 IZF1167-3F25 IZF1167-12F25 IZF1167-10 |
2390 A, 700 V, SCR 2390 A, 300 V, SCR 2390 A, 1200 V, SCR 2390 A, 1000 V, SCR 2390 A, 900 V, SCR 1470 A, 800 V, SCR 1950 A, 1000 V, SCR 1950 A, 1100 V, SCR 1370 A, 1400 V, SCR 1470 A, 500 V, SCR 2835 A, 1100 V, SCR 1370 A, 1200 V, SCR 1470 A, 200 V, SCR
|
ITT, Corp.
|
2N5064AP T107E141 S0510LS253V S1008LS253V EC103A75 |
0.8 A, 200 V, SCR, TO-92 4 A, 500 V, SCR 10 A, 50 V, SCR, TO-220AB 8 A, 100 V, SCR, TO-220AB 0.8 A, 100 V, SCR, TO-92 6 A, 50 V, SCR, TO-220AB 6 A, 100 V, SCR, TO-220AB 4 A, 300 V, SCR, TO-202AB 8 A, 50 V, SCR, TO-202AB 4 A, 50 V, SCR, TO-202AB 10 A, 100 V, SCR, TO-220AB
|
|
DT105N10LOF-A DT105N16KOF-K DT105N16LOF-A DT105N12 |
160 A, 1000 V, SCR MODULE-5 160 A, 1600 V, SCR MODULE-5 160 A, 1200 V, SCR MODULE-5 160 A, 1400 V, SCR MODULE-5 120 A, 800 V, SCR MODULE-5 75 A, 800 V, SCR 100 A, 1600 V, SCR 160 A, 800 V, SCR 160 A, 600 V, SCR
|
Unisonic Technologies Co., Ltd.
|
R6200230 R6202250 R6201050 R6201850 R6201040 R6200 |
500 A, 400 V, SILICON, RECTIFIER DIODE General Purpose Rectifier (300-500 Amperes Average 2400 Volts) 通用整流器(300-500安培平均2400伏特 300 A, 2200 V, SILICON, RECTIFIER DIODE HERMETIC SEALED PACKAGE-2 300 A, 1200 V, SILICON, RECTIFIER DIODE 300 A, 200 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX INC Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semiconductor...
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
C180C500 C180B500 C180EX500 C180MX500 C180M500 |
300 A, 500 V, SCR Phase Control SCR 190 Amperes Average 600 Volts 600V, 190A phase control single thyristor
|
POWEREX INC Powerex Power Semiconductors
|
PH2503 PH25031 PH2504 PH2508 |
250A Avg 300~800 Volts
|
Nihon Inter Electronics Corporation
|
MMBTA42LT1 |
300 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN
|
Rectron Semiconductor
|
ADP5023 |
Dual 3 MHz, 800 mA Buck Regulator with One 300 mA LDO
|
Analog Devices
|
PHE820 PHE820MR7220MR06L2 PHE820E PHE820EB5100MR17 |
EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100?/a> EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100??/a> EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100∩ EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC
| -
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
|