PART |
Description |
Maker |
KSC5039H2TU KSC5039H1 |
5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220 TO-220, 3 PIN NPN Silicon Transistor; Package: TO-220; No of Pins: 3; Container: Bulk 5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
BUL44 BUL44G |
Bipolar Power T0220 NPN 2A 400V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 2 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Rectron Semiconductor
|
BUL381D_03 BUL381D03 BUL381D |
5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
STMICROELECTRONICS[STMicroelectronics]
|
MJD50 |
1 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-252 HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
ST Microelectronics STMicroelectronics
|
FJP13009TU |
High Voltage Fast-Switching NPN Power Transistor 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
CSD882P CSD882R CSD882 CSD882E CSD882Q |
10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB772P 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSB772R 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSB772Q 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSB772E 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSB772 Audio Frequency Power Amplifier and Low Speed Switching Applications
|
CDIL[Continental Device India Limited]
|
KSE13004 KSE13005 KSE13005H2ATU KSE13005H2 KSE1300 |
NPN Silicon Transistor High Voltage Switch Mode Application 4 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
CZTA44LEADFREE |
0.3 A, 400 V, NPN, Si, POWER TRANSISTOR
|
CENTRAL SEMICONDUCTOR CORP
|
QM400HA-2H |
400 A, 3 CHANNEL, NPN, Si, POWER TRANSISTOR HIGH POWER SWITCHING USE INSULATED TYPE
|
Mitsubishi Electric Semiconductor
|
ULB124G-B2-T60-T |
2 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-126
|
UNISONIC TECHNOLOGIES CO LTD
|
MJE13007F |
NPN Power Transistor 8.0 A 400 Volts
|
Micro Commercial Components
|
MJE13005D09 MJE13005D-O |
TRIPLE DIFFUSED NPN TRANSISTOR 5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
KEC(Korea Electronics)
|
|