PART |
Description |
Maker |
MAX1837ETT50-T MAX1837EUT33TG16 MAX1836EUT50 |
0.9 A SWITCHING REGULATOR, PDSO6 24V Internal Switch, 100% Duty Cycle, Step-Down Converters 0.45 A SWITCHING REGULATOR, PDSO6
|
MAXIM INTEGRATED PRODUCTS INC
|
KA1M0380RB KA1M0380RB-TU KA1M0380RB-YDTU KA1L0380 |
RES NET BUSSED 560K OHM 10-SIP Fairchild Power Switch(SPS) 12 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PZFM4 Fairchild Power Switch(SPS) 2.41 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PSFM4 Fairchild Power Switch(SPS) 12 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PSFM4 Fairchild Power Switch(SPS) 2.41 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PSFM4
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
CS5111-D |
1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
|
ON Semiconductor
|
TC161A4432EOA713 A4347EOA713 TC161B6016EOA713 TC16 |
0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO8
|
|
MC33370T |
0.9 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PSFM5
|
MOTOROLA INC
|
PWR-TOP102YAI PWR-TOP100YAI PWR-TOP101YAI PWR-TOP1 |
SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PSFM3 TO-220, 3 PIN
|
Power Integrations, Inc. POWER INTEGRATIONS INC
|
AP1601M10G-13 AP1601M8G-13 |
1.5 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO8 GREEN, MSOP-8 STEP-UP DC/DC CONVERTER
|
Diodes Inc. Diodes, Inc. Diodes Incorporated
|
LM2575TV-005 LM2575D2T-ADJR4 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
ON Semiconductor
|
LT3437EFE LT3437IFE LT3437EFEPBF LT3437EDDTR |
High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LT3493-3 LT3493EDCB-3 |
1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN 2.2 A SWITCHING REGULATOR, 815 kHz SWITCHING FREQ-MAX, PDSO6
|
LINEAR TECHNOLOGY CORP
|
LT1370HVCRTRPBF |
Isolated Flyback Switching Regulator with 9V Output 10 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp.
|