PART |
Description |
Maker |
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
TA20141803DH |
SCR Thyristor; Gate Trigger Current Max, Igt:200mA; Current, It av:1800A; Package/Case:TA2; Repetitive Reverse Voltage Max, Vrrm:1400V; Current Rating:2820A RoHS Compliant: Yes
|
POWEREX INC
|
ST16C654 |
Linear Voltage Regulator IC; Output Current Max:350mA; Supply Voltage Max:6V; Package/Case:8-TSSOP; Output Current:600mA; Output Voltage:5V; Current Rating:30.05A; Leaded Process Compatible:No; Output Voltage Max:5V
|
Exar Corporation
|
BCX52-10 BCX52-16 BCX51 BCX51-10 BCX53-10 |
High current (max. 1 A). Low voltage (max. 80 V). Emitter-base voltage VEBO -5 V
|
TY Semiconductor Co., Ltd
|
CLY32-00 CLY32-05 CLY32-10 CLY32 |
Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 伊雷尔C波段砷化镓功率场效应 HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
XC6383C351PL XC6383A351ML XC6383A351MR XC6383A351P |
Hall Effect IC; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LEAD FREE EXT TEMP A2982 20L SOIC XC6383 Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:50V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41; Current Rating:1A 50V 1A 1N4001 (DO-41)
|
TOREX[Torex Semiconductor] TOREX SEMICONDUCTOR LTD.
|
AD7672TE10 AD7672LN05 AD7672LN10 AD7672UQ05 AD7672 |
Reed Relay; Contacts:SPST; Contact Carry Current:1A; Coil Voltage DC Max:24V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CQCC28 LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
SL74HC123N SL74HC123D SL74HC123 HC123 |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):2A; Non Repetitive Forward Surge Current Max, Ifsm:70A; Forward Voltage Max, VF:1.1V; Package/Case:DO-15 双Retriggerable单稳态触发器 Dual Retriggerable Monostable Multivibrator
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
SSTVN16857MTD SSTV16857 SSTV16857MTD SSTVN16857 |
Voltage Regulator IC; Output Current:300mA; Output Voltage:5V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V 14-Bit Register with SSTL-2 Compatible I/O and Reset
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PXT4401 |
High current (max. 600 mA)
|
TY Semiconductor Co., Ltd
|
PXT2222A |
High current (max. 600 mA)
|
TY Semiconductor Co., Ltd
|