PART |
Description |
Maker |
SI8822 |
VDS (V) = 20V ID = 7A (VGS=10V) Drain-Source Voltage VDS 20 V
|
TY Semiconductor Co., L...
|
KI4562DY |
PIN Configuration Drain-Source Voltage Vds 20V Gate-Source Voltage Vgs -12V
|
TY Semiconductor Co., Ltd
|
KI4920DY |
Drain-Source Voltage Vds 30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
KI1553DL |
PIN Configuration Drain-Source Voltage Vds 20V
|
TY Semiconductor Co., L...
|
KXU03N25 |
VDS (V) = 250V RDS(ON) 2 (VGS = 10V) Drain-Source Voltage VDSS 250 V
|
TY Semiconductor Co., Ltd
|
PST993 PST993C PST993D PST993E PST993F PST993G PST |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-2.2A; On-Resistance, Rds(on):0.1ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23; Leaded Process Compatible:No MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:2.2A; Resistance, Rds on:0.1R; Voltage, Vgs Rds on measurement:4.5V; Case style:SOT-23 (TO-236); Current, Id max:2.2A; Current, Idm pulse:10A; Marking, SMD:L1; Pins, No. RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:2.1A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:SOT-23; Leaded Process Compatible:No System Reset
|
MITSUMI ELECTRIC CO LTD ETC[ETC] Mitsumi Electronics, Corp.
|
ST26C32 ST26C32CF16 ST26C32CP16 ST26C32IF16 ST26C3 |
QUAD RS-422, RS-423 CMOS Differential Line Receiver LINE RECEIVER, PDSO16 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:13.4A; On-Resistance, Rds(on):0.0065ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:8-SOIC; Leaded Process Compatible:No
|
Exar, Corp. EXAR[Exar Corporation]
|
ST7MDT2 ST7MDT2-110 ST7MDT2-220 ST7MDT2-DVP ST7MDT |
A Low-Cost Development Package Including A Full Real-Time Emulation Board(低价格开发软件包) MDT2-DVP LOW COST ST7 DEVELOPMENT KIT DATASHEET MOSFET; Transistor Polarity:Dual N/P Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:51A; On-Resistance, Rds(on):0.36ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:6-TSOP; Drain-Source Breakdown Voltage:30V From old datasheet system MDT2-DVP LOW COST ST7 DEVELOPMENT KIT DATASHEET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SST4117 SST4118 SST4119 2N4117A 2N4118A 2N4118 2N4 |
MOSFET; Transistor Polarity:Dual P Channel; Drain Source Voltage, Vds:-12V; Continuous Drain Current, Id:-6.4A; On-Resistance, Rds(on):35mohm; Rds (SST4117 - SST4119) N-Channel JFET General Purpose Amplifier N-Channel JFET General Purpose Amplifier N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-72
|
CALOGIC[Calogic, LLC] Calogic LLC Calogic LLC
|
ST93C46A ST93C46AB1013TR ST93C46AB1TR ST93C46AB301 |
From old datasheet system 1K (64 x 16 or 128 x 8) SERIAL MICROWIRE EEPROM MOSFET; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:3.4A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Package/Case:6-TSOP RoHS Compliant: Yes MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-12V; Continuous Drain Current, Id:-4.5A; On-Resistance, Rds(on):0.04ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:6-TSOP; Leaded Process Compatible:No MOSFET, P TSOP-6MOSFET, P TSOP-6; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:12V; Case style:TSOP-6; Current, Id cont:4.5A; Current, Idm pulse:20A; Power, Pd:1.1W; Resistance, Rds on:0.04R; SMD:1; Charge, Qrr typ Circular Connector; No. of Contacts:13; Series:JT02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-13 Circular Connector; No. of Contacts:13; Series:JT02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-13 1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM 000 64 x 1628 × 8 MICROWIRE的串行EEPROM 1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM 000 64 x 16128 × 8 MICROWIRE的串行EEPROM
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
PT7A7515 PT7A7513 PT7A7535 PT7A7531 |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:67A; On-Resistance, Rds(on):7.9mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:D2PAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No 3.08V Reset Active Low Supervisor 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
|