PART |
Description |
Maker |
TA20401201DH TA20401203DH POWEREXINC-C430F TC20172 |
1884 A, SCR 4396 A, SCR 2198 A, SCR 471 A, SCR 549.5 A, SCR 78.5 A, 200 V, SCR 1570 A, SCR 196.25 A, SCR 1256 A, SCR 863.5 A, SCR 235.5 A, SCR 392.5 A, SCR 1413 A, SCR 125.6 A, 500 V, SCR 1177.5 A, SCR
|
POWEREX INC
|
DCR1675SZ50 DCR1675SZ52 |
4710 A, 5000 V, SCR 4710 A, 5200 V, SCR
|
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
DT105N10LOF-A DT105N16KOF-K DT105N16LOF-A DT105N12 |
160 A, 1000 V, SCR MODULE-5 160 A, 1600 V, SCR MODULE-5 160 A, 1200 V, SCR MODULE-5 160 A, 1400 V, SCR MODULE-5 120 A, 800 V, SCR MODULE-5 75 A, 800 V, SCR 100 A, 1600 V, SCR 160 A, 800 V, SCR 160 A, 600 V, SCR
|
Unisonic Technologies Co., Ltd.
|
R216CH12 R325CH02 R800CH04 |
1125 A, 1200 V, SCR 2398 A, 200 V, SCR 5260 A, 400 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
SEN-R-1050-010 SEN-R-1050-026 SEN-R-1050-027 SEN-R |
TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Sensitron Semiconductor
|
MCR100-6-AA-T92-B MCR100L-8-AD-T92-B MCR100G-6-B-A |
0.8 A, 400 V, SCR, TO-92 0.8 A, 600 V, SCR, TO-92 0.8 A, 200 V, SCR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
S4014BH TXN258 X0202DA X0402DE X0403ME S0402NH |
40 A, 200 V, SCR, TO-220AB TO-220AB, 3 PIN 8 A, 200 V, SCR, TO-220AB 1.25 A, 400 V, SCR, TO-92 4 A, 400 V, SCR, TO202-1 4 A, 600 V, SCR, TO202-1 4 A, 800 V, SCR, TO-220AB
|
STMICROELECTRONICS
|
FS1209BH00TU FS1209DH00TU FS1209MH00TU FS1209NH00T |
12 A, 200 V, SCR, TO-220AB 12 A, 400 V, SCR, TO-220AB 12 A, 600 V, SCR, TO-220AB 12 A, 800 V, SCR, TO-220AB
|
|
ST1200C20K0 ST1200C20K0L ST1200C..KSERIES 2663 ST1 |
PHASE CONTROL THYRISTORS From old datasheet system 1400V 1650A Phase Control SCR in a A-24 (K-Puk) package 1800V 1650A Phase Control SCR in a A-24 (K-Puk) package 1200V 1650A Phase Control SCR in a A-24 (K-Puk) package 2000V 1650A Phase Control SCR in a A-24 (K-Puk) package 1600V 1650A Phase Control SCR in a A-24 (K-Puk) package Silicon Controlled Rectifier, 3080 A, 1600 V, SCR, KPUK-2
|
IRF[International Rectifier] Vishay Semiconductors
|
MCR100-8G MCR100-4G MCR100-004G |
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors 0.8 A, 200 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifier; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000
|
On Semiconductor
|
|