PART |
Description |
Maker |
HT66F201109 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT66F2010 HT66FU60 HT66FU30 HT66FU40 HT66FU50 HT66 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor In... Holtek Semiconductor Inc
|
HT48F50E |
I/O Flash Type MCU with EEPROM
|
Holtek Semiconductor Inc
|
STM8L152R6 STM8L152M8T6 STM8L152C8 STM8L152C8T6 ST |
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM 8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators 8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM
|
STMicroelectronics
|
HT66F016 HT66F017 HT68F017 HT68F016 |
Enhanced Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc Holtek Semiconductor In...
|
HT66F03M HT66F04M HT68F03M HT68F04M |
1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
|
Holtek Semiconductor Inc
|
HT66FB30 HT66FB40 HT66FB50 HT66FB60 |
Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
|
Holtek Semiconductor Inc
|
HT66FB60A |
Enhanced A/D Flash Type 8-Bit MCU with EEPROM and USB Interface
|
Holtek Semiconductor Inc
|
7P004FLV2402C15 7P002FLV2100C15 7P004FLV2201C15 7P |
MCU CMOS 28 LD 4MHZ 2K EPRM, -40C to 125C, 28-SOIC 300mil, TUBE MCU CMOS 44 LD 20MHZ 4K EPRM, -40C to 125C, 44-PLCC, TUBE MCU CMOS 28 LD 4MHZ 4K EPRM, -40C to 125C, 28-SOIC 300mil, TUBE MCU CMOS 28 LD 10MHZ 4K EPRM, -40C to 85C, 28-SPDIP, TUBE MCU CMOS 44 LD 20MHZ 4K EPRM, 0C to 70C, 44-MQFP, TRAY MCU CMOS 44 LD 4MHZ 4K EPRM, -40C to 85C, 44-TQFP, TRAY MCU CMOS 28 LD LOW PWR, -40C to 85C, 28-SPDIP, TUBE MCU CMOS 28 LD 20MHZ 2K EPRM, -40C to 85C, 28-SPDIP, TUBE MCU CMOS 28 LD LOW PWR, 0C to 70C, 28-SSOP 208mil, T/R MCU CMOS 44 LD 4MHZ 4K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 28 LD LOW PWR, 0C to 70C, 28-SPDIP, TUBE MCU CMOS 28 LD 4MHZ 2K EPRM, -40C to 85C, 28-SPDIP, TUBE MCU CMOS 28 LD 20MHZ 2K EPRM, 0C to 70C, 28-SSOP 208mil, T/R MCU CMOS 28 LD 20MHZ 8K OTP, -40C to 85C, 28-SOIC 300mil, TUBE MCU CMOS 28 LD 4MHZ 4K EPRM, 0C to 70C, 28-SOIC 300mil, TUBE MCU CMOS 28 LD 20MHZ 4K EPRM, 0C to 70C, 28-SOIC 300mil, TUBE MCU CMOS 28 LD 20MHZ 2K EPRM, -40C to 85C, 28-SSOP 208mil, T/R Flash Memory Card 1 MB Through 40 MB (Intel/Sharp Based)(1M字节-40M字节闪速存储器卡(基于Intel/Sharp MCU CMOS 44 LD 16MHZ 2K EPRM, -40C to 85C, 44-MQFP, TRAY MCU CMOS 44 LD 16MHZ 2K EPRM, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 16MHZ 2K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 16MHZ 2K EPRM, 0C to 70C, 44-TQFP, TRAY MCU CMOS 40 LD 16MHZ 2K EPRM, 0C to 70C, 40-PDIP, TUBE USB MCU 44LD WITH A/D 20MHz, -40C to 85C, 44-TQFP, TRAY EEPROM USB MCU 44LD WITH A/D 20MHz, -40C to 85C, 44-PLCC, TUBE EEPROM 315/433 MHz ASK/FSK Receiver, -40C to 85C, 32-LQFP, TRAY EEPROM EEPROM EEPROM 100mA LDO with Shutdown & V REF Bypass, -40C to 125C, 5-SOT-23, T/R EEPROM MCU CMOS 44 LD 10MHZ 8K OTP, -40C to 85C, 44-PLCC, TUBE EEPROM 50mA LDO with Shutdown & V REF Bypass, -40C to 125C, 5-SOT-23, T/R EEPROM 28 Pin, 14 KB Std Flash, 256 RAM, I/O Pb Free, -40C to 85C, 28-QFN, T/R EEPROM MCU CMOS 44 LD 10MHZ 8K OTP, 0C to 70C, 44-MQFP, TRAY
|
Vishay Intertechnology, Inc. Silicon Storage Technology, Inc. ICE Components, Inc. TE Connectivity, Ltd. California Eastern Laboratories, Inc. Mimix Broadband, Inc. Intersil, Corp.
|
HT66F0176 |
A/D Flash MCU with EEPROM
|
Holtek Semiconductor In...
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
|