PART |
Description |
Maker |
AT17N002 AT17N010 AT17N040 AT17N256 AT17N512 AT17N |
COVER 256K X 1 CONFIGURATION MEMORY, PDSO20 FPGA Configuration Memory 256K X 1 CONFIGURATION MEMORY, PDSO20 CAT5 SHLD, PVC PATCH CBL STRGHT PIN, 100 MHZ-GREEN 1M X 1 CONFIGURATION MEMORY, PDIP8 GIGATRUE 550 CAT6 PATCH 100 FT, NON BOOT, ORANGE GIGATRUE 550 CAT6 PATCH 25 FT, NON BOOT, ORANGE GIGATRUE 550 CAT6 PATCH 50 FT, NON BOOT, ORANGE GIGATRUE 550 CAT6 PATCH 15 FT, NON BOOT, ORANGE GIGATRUE 550 CAT6 PATCH 10 FT, NON BOOT, ORANGE GIGATRUE 550 CAT6 PATCH 30 FT, NON BOOT, ORANGE GIGATRUE 550 CAT6 PATCH 20 FT, NON BOOT, ORANGE AT17N/256/512/010/002/040 [Updated 5/03. 18 Pages] 512K-bit FPGA Configuration EEPROM 3.3V 256K-bit FPGA Configuration EEPROM 3.3V 4M-bit FPGA Configuration EEPROM 3.3V 1M-bit FPGA Configuration EEPROM 3.3V 2M-bit FPGA Configuration EEPROM 3.3V
|
Atmel, Corp. 聚兴科技股份有限公司 Atmel Corp.
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
AM41DL6408G AM41DL6408G70IS AM41DL6408G70IT AM41DL |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
AM41PDS3228DB11IS AM41PDS3228DB10IS AM41PDS3228DB1 |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
AM42DL16X4D AM42DL1614DB85IT AM42DL1614DT85IT AM42 |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
AM49DL640BH70IS |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion, Inc.
|
K5P2880YCM |
Multi-Chip Package MEMORY 128M Bit 16Mx8 Nand Flash Memory / 8M Bit 1Mx8/512Kx16 Full CMOS SRAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
AM42DL640AH70IS AM42DL640AH70IT AM42DL640AH85IS |
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Spansion, Inc.
|
AM41PDS3224D |
32 Mbit (2 M x 16-Bit) CMOS 1.8 Volt-only. Simultaneous Operation Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM (Preliminary) 32兆位米16位)的CMOS电压1.8只。同时采取行动,页面模式闪存兆位12x 8-Bit/256x 16位),静态存储器(初步) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
Advanced Micro Devices
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
24AA01T 24LC01T-I_STG 24AA01 24AA01-E_MSG 24AA01-E |
The 24LC01B is a 1K bit Electrically Erasable PROM memory organized as a single block of 128 x 8-bit memory with an I2C™ compatible ... The 24LC01B is a 1K bit Electrically Erasable PROM memory organized as a single block of 128 x 8-bit memory with an I2C™ compatible 2-wire serial interface bus. The 24LC01B features hardware write protect, Schmitt trigger inputs, 400 1K I2C Serial EEPROM 1K/2K I2CSerial EEPROMs in ISO Micromodules
|
MICROCHIP[Microchip Technology]
|