PART |
Description |
Maker |
BD70GA5WEFJ-E2 BD33GA5WEFJ-E2 BD00GA5WEFJ CM105B10 |
500mA Variable / Fixed Output LDO Regulators
|
Rohm
|
RT9167 RT9167-33CB RT9176_A-15CB RT9176_A-15CBR RT |
1.8V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.7V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.6V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.5V low-noise, fixed output voltage 200mA/500mA LDO regulator PREMIUM RS232 DATA CBL DB25 MALE - DB25 FEMALE PREMIUM RS232 DATA CBL DB25 MALE - DB25 MALE CONNECTOR ACCESSORY D52 - BACKSHELL NON-ENVIRON EMI-RFI STRT PREMIUM RS232 DATA CBL DB25 FEMALE - DB25 FEMALE LOW NOISE FIXED OUTPUT VOLTAGE 200MA/500MA LDO REGULATOR 低噪声固定输出电00MA/500MA LDO稳压 EDQ MOLDED 25C 20FT MF 低噪声固定输出电00MA/500MA LDO稳压 IC ENCODER TRANSMITTER RF 8DIP 低噪声固定输出电00MA/500MA LDO稳压 TRANSFORMER 0.50MH 1:1.3 PULSE 低噪声固定输出电00MA/500MA LDO稳压 INDUCTOR, 470UHINDUCTOR, 470UH; Inductance:470uH; Inductor type:Inductor; Current, DC max:0.64A; Resistance:0.16R; Case style:D; Diameter, PCB hole:0.64mm; Flammability rating:UL94V-0 低噪声固定输出电00MA/500MA LDO稳压 Connector assemblies 低噪声固定输出电00MA/500MA LDO稳压
|
RichTek ETC Electronic Theatre Controls, Inc.
|
FS50UM-06 |
BK Precision Triple Output DC Power Supply, Output Voltage: Variable 0-30 VDC, Fixed 12 VDC ( 5 %), Fixed 5 VDC ( 5 %), Output Current: 0-5 A, 0-500 mA, 0-500 mA, Metering Display: 2 Digital 3 Digit LCD, Ammeter Range: 0-.999 A 高速开关使 HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
MIC5219-2.6BM5 MIC5219-2.7BM5 MIC5219-2.8BM5 MIC52 |
500mA-Peak Output LDO Regulator ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 500mA-Peak Output LDO Regulator 2.9 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator 2.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator 2.7 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5
|
Micrel Semiconductor, Inc. Linear Technology, Corp. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
BA00BC0WCP-V5 BA18BC0WFP BA33BC0WFP BAJ0BC0T BAJ0B |
1A Variable/Fixed Output LDO Regulators
|
ROHM
|
BD70GC0WEFJ BD33GC0WEFJ BD33GC0WEFJ-E2 BD18GC0WEFJ |
1A Variable Fixed Output LDO Regulator
|
Rohm
|
STR30110 STR30112 STR30113 STR30115 STR30120 STR30 |
Voltage regulator fixed output voltage135 /-0.8V Voltage regulator fixed output voltage134 /-0.8V Voltage regulator fixed output voltage125 /-0.8V Voltage regulator fixed output voltage123 /-0.8V Voltage regulator fixed output voltage120 /-0.8V Voltage regulator fixed output voltage115 /-0.8V Voltage regulator fixed output voltage113 /-0.8V Voltage regulator fixed output voltage112 /-0.8V Voltage regulator fixed output voltage110 /-0.8V SANKEN ELECTRIC COMPANY, LTD. Sanken Hybrid IC Voltage Regulator STR30000 Series (STR30000 Series) Hybrid IC Voltage Regulator Sanken Hybrid IC Voltage Regulator STR30000 Series 三垦混合集成电路电压调节器STR30000系列 Sanken Hybrid IC Voltage Regulator STR30000 Series 三垦混合集成电路电压调节STR30000系列
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd. Sanken Electric Co., Ltd.
|
TLE4276-2DV50 TLE4276-2GV TLE4276-2GV50 |
Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ?±2% 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO4
|
Infineon Technologies AG
|
MIC5216-3.3BM5 MIC5216-3.3BMM MIC5216-3.3YM5 MIC52 |
500mA-Peak Output LDO Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5
|
Micrel Semiconductor MICREL INC
|
P6KE440A P6KE200 P6KE6.8 P6KE100A P6KE82 P6KE33 P6 |
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 5-DDPAK/TO-263 -40 to 125 CASE INST STY GRY11.02X7.87X3.00 Single Output LDO, 500mA, Fixed(2.5V), Low Noise, High PSRR 6-SOT-223 -40 to 125 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 16-Bit Edge-Triggered D-Type Flip-Flops with 3-State Output 48-TSSOP -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Quadruple 1-of-2 Data Selectors/Multiplexers with 3-State Outputs 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp. Diodes, Inc. SEMIKRON Micro Commercial Compon...
|
UA78M05CDC |
5V, 500mA Fixed Positive Voltage Regulator
|
TI
|