PART |
Description |
Maker |
MAAP-008326-CP2010 |
200 MHz - 2000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
|
2021-25 |
25 W, 24 V, 2000-2130 MHz common base transistor 25 Watts, 24 Volts, Class C Microwave 2000 - 2130 MHz BJT 2000-2400 MHz, Class C, Common Base; fO (MHz): 2100; P(out) (W): 25; P(in) (W): 5; Gain (dB): 7.5; Vcc (V): 24; Case Style: 55AW-1 S BAND, Si, NPN, RF POWER TRANSISTOR
|
GHz Technology Microsemi, Corp.
|
SW2-012020RN3NF SW2-002020AN1NF SW2-020180AN1NF |
1200 MHz - 2000 MHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH, 0.8 dB INSERTION LOSS 200 MHz - 2000 MHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH, 2 dB INSERTION LOSS 2000 MHz - 18000 MHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH, 3 dB INSERTION LOSS
|
MITEQ INC
|
BTRM-50 |
Termination BNC 50ohm DC to 2000 MHz 0 MHz - 2000 MHz 50 ohm RF/MICROWAVE TERMINATION
|
Mini-Circuits
|
MAAMSS0045 MAAMSS0045TR-3000 MAAMSS0045SMB |
1400 MHz - 2000 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER HIGH DYNAMIC RANGE LOW NOISE AMPLIFIER 1400 - 2000 MHZ
|
MACOM[Tyco Electronics]
|
ZX10-2-12 ZX10-2-126 ZX10-2-20 ZX10-2-25 ZX10-2-42 |
Power Splitters/Combiners 2 Way-0?? 50蟹 2 to 12600 MHz Power Splitters/Combiners 2 Way-0 50з 2 to 12600 MHz 1900 MHz - 4200 MHz RF/MICROWAVE COMBINER, 1 dB INSERTION LOSS Power Splitters/Combiners 2 Way-0 50з 2 to 12600 MHz 200 MHz - 2000 MHz RF/MICROWAVE COMBINER, 2.2 dB INSERTION LOSS Power Splitters/Combiners 2 Way-0 50з 2 to 12600 MHz 7400 MHz - 12600 MHz RF/MICROWAVE COMBINER, 1.3 dB INSERTION LOSS ER 8 TO 10 REDUCTION SLEEVE RoHS Compliant: No 2 MHz - 1200 MHz RF/MICROWAVE COMBINER, 1.5 dB INSERTION LOSS Power Splitters/Combiners 2 Way-0 50з 2 to 12600 MHz 4750 MHz - 9800 MHz RF/MICROWAVE COMBINER, 1.2 dB INSERTION LOSS Power Splitters/Combiners 2 Way-0°, 50 2 to 12600 MHz Power Splitters/Combiners 2 Way-0, 50 2 to 12600 MHz Power Splitters/Combiners 2 Way-0∑, 50з 2 to 12600 MHz Power Splitters/Combiners 2 Way-0/ 50 2 to 12600 MHz
|
MINI[Mini-Circuits]
|
CY24293ZXI CY24293ZXC CYPRESSSEMICONDUCTORCORP-CY2 |
Two Outputs PCI-Express Clock Generator; VDD: 3.3 V; Input Frequency: 25 MHz; Output Frequency: 25 MHz to 200 MHz; # Out: 2 200 MHz, OTHER CLOCK GENERATOR, PDSO16
|
Cypress Semiconductor, Corp.
|
SW3-002020RN1NF SW3-010180RN1NF SW3-020180RN1NF |
200 MHz - 2000 MHz RF/MICROWAVE SGL POLE TRIPLE THROW SWITCH, 1.6 dB INSERTION LOSS 1000 MHz - 18000 MHz RF/MICROWAVE SGL POLE TRIPLE THROW SWITCH, 3.1 dB INSERTION LOSS 2000 MHz - 18000 MHz RF/MICROWAVE SGL POLE TRIPLE THROW SWITCH, 3 dB INSERTION LOSS
|
MITEQ INC
|
CY22801KSXI-XXX CY22801KSXC-XXX CY22801KSXC-XXXT C |
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL) Universal Programmable Clock Generator (UPCG); Voltage (V): 3.3 V; Input Range: 1 MHz to 133 MHz; Output Range: 1 MHz to 200 MHz; Outputs: 3 200 MHz, OTHER CLOCK GENERATOR, PDSO8
|
Cypress Semiconductor
|
60AS110-K40B1 51AS103-K30A4 53ASA02-K50A3 K02 |
0 MHz - 8000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 1000 MHz 50 ohm RF/MICROWAVE TERMINATION
|
ROSENBERGER HOCHFREQUENZTECHNIK GMBH & CO KG
|