PART |
Description |
Maker |
1N476 1N499 1N500 1N279 1N292 1N294 1N567 1N450 1N |
165 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode 12 V, 500 mA, gold bonded germanium diode 90 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES(LOW FORWARD VOLTAGE, LOW POWER CONSUMPTION) 75 V, 500 mA, gold bonded germanium diode 120 V, 500 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 80 V, 500 mA, gold bonded germanium diode 115 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics ETC[ETC]
|
ADP124ARHZ-2.7-R7 ADP124ARHZ-2.9-R7 ADP124ACPZ-1.8 |
5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.7 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.9 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO8 2 X 2 MM, ROHS COMPLIANT, LFCSP-8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 2 X 2 MM, ROHS COMPLIANT, LFCSP-8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.5 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO8 2.8 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 2 X 2 MM, ROHS COMPLIANT, LFCSP-8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.85 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/EXTERNAL VOLTAGE DIVIDER No of Pins: 8 Temperature Range: Ind 0.8 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
PB-CDQ0303-QS-00B0 PB-CDQ0303-QS-00A0 |
500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier 500-6000 MHz双,超低噪声,高IP3放大
|
Mimix Broadband, Inc.
|
S1P2655A03 S1P2655A05 S1P2655A01 S1P2655A02 S1P265 |
Linear integrated circuit. Input level TTL, CMOS 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR SOP-16 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR DIP-16 LT Series Water Resistant Linear Position Transducer, 76,2 mm [3.0 in] Electrical Travel, 1.0 % Linearity, Cable Termination, Item Number F58000203 Level Meter Linear integrated circuit. Input level DTL, TTL, PMOS, CMOS
|
ITT, Corp. TE Connectivity, Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
LD39050PU105R LD39050PU10R LD39050PU12R LD39050PU1 |
FIXED POSITIVE LDO REGULATOR, PDSO6 500 mA low quiescent current low noise voltage regulator 500 mA low quiescent current low noise voltage regulator
|
STMicroelectronics
|
NCV5501DT50G NCV5501DT50RKG NCP5501DT33RKG NCP5500 |
500 mA Low Dropout Regulator, 5.0 V Output; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA Low Dropout Regulator, 5.0 V Output; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA, 3.0 V, Low Dropout Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA, 3.3 V, Low Dropout Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO4 500 mA Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.073 V DROPOUT, PSSO4
|
ON Semiconductor
|
NCP3334DADJG NCP3334DADJR2G |
High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
|
ON Semiconductor
|
NCP3335DMR2285G NCP3335_06 NCP3335 NCP3335DMR2250G |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
|
ONSEMI[ON Semiconductor]
|
NCP4629HDT050T5G NCP4629HDT060T5G NCP462911 NCP462 |
500 mA, Wide Input Range, LDO Linear Voltage Regulator
|
ON Semiconductor
|
NCP4629 |
500 mA, Wide Input Range, LDO Linear Voltage Regulator
|
ON Semiconductor
|
|