PART |
Description |
Maker |
4-102976-0 102976-1 102976-2 102976-3 102976-5 102 |
HEADER ASSY, MOD II
|
Tyco Electronics
|
1-102055-3 |
HEADER ASSY, MOD ll, DBL ROW, .100X .100 C/L, RIGHT ANGLE, (3) SIDED SHROUD
|
Tyco Electronics
|
6-102974-2 |
HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, .100 RIGHT ANGLE, W/ .025 SQ POSTS
|
Tyco Electronics
|
4-103240-0-03 4-103240-0-16 |
HEADER ASSY, MOD II, BREAKAWAY, DOUBLE ROW, .100X.100CL, VERTICAL, WITH .025 SQ POSTS HEADER ASSY, MOD II, BREAKAWAY, DOUBLE ROW, .100X.100CL, VERTICAL,WITH .025 SQ POSTS
|
Tyco Electronics
|
2-104433-3 2-104433-4 |
HEADER ASSY, MOD II, BREAKAWAY, DBL ROW, .100X.100 C VERT, .025 SQ POSTS, WITH RETENTION FEATURE
|
Tyco Electronics
|
4-102976-0 2-102976-0 1-102976-0 1-102976-1 102976 |
HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
|
Tyco Electronics
|
2-104352-1 2-104352-0 1-104352-2 1-104352-6 |
HEADER ASSY, MOD II, BREAKAWAY, DBL ROW, .100X .100 VERT, .025 SQ POSTS W/ HOLD- OWN CONFIG HEADER ASSY, MOD II, BREAKAWY, DBL ROW, .100X.100 VERT, .025 SQ POSTS W/ HOLD- DOWN CONFIG 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Tyco Electronics
|
6-102617-1 6-102617-3 6-102617-0 6-102617-4 6-1026 |
HDR ASSY, MOD II, SHRUDED, 4 SIDES, DBL ROW, .100X.100 C/L, RIGHT ANGLE, W/ .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 C/L, RIGHT ANGLE, W/ .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100 x .100 C/L, RIGHT ANGLE, W/ .025 SQ POSTS
|
Tyco Electronics
|
26-48-9106 26-50-3063 41671-0035 41671-0034 26-48- |
KK 156 Hdr Assy FrLk Bkwy 10 ckt 30 Au 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 06 ckt Tin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 13X1 M STR AU 1W .156LS .45H 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 12 ckt 30 SAu 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.156 Pitch,PC TAIL Terminal,LATCH 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 02 ckt 20 Au 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 22 ckt Tin 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 22 ckt 20 Au 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 19 ckt Tin 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 06 ckt 15 SAu 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 05 ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 24 ckt Tin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Multipole Connector; No. of Contacts:2; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Leaded Process Compatible:Yes RoHS Compliant: Yes Breakaway Header; No. of Contacts:9; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V
|
Molex, Inc. MOLEX INC
|
27-62-4069 26-60-4180 26-60-4103 27-62-4079 26-63- |
KK 156 Hdr Assy FrLk 06 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; No. of Contacts:18; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41791; Body Material:Polyester; Current Rating:7A; Voltage Rating:250V 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 07 Ckt Tin KK 156 Hdr Assy FrLk 03 Ckt 20 SGold KK 156 Hdr Assy FrLk 05 Ckt 20 SGold
|
Molex, Inc. MOLEX INC
|
2-104355-0 |
HEADER ASSEMBLY, MOD II, BREAKAWAY, RIGHT ANGLE, DOUBLE ROW, .100X.100
|
Tyco Electronics
|
4-146252-0 |
HEADER ASSEMBLY, MOD II, BREAKAWAY, DOUBLE ROW, BERTICAL, HIGH TEMPERATURE
|
Tyco Electronics
|
|