PART |
Description |
Maker |
170M4108 170M4109 170M4110 170M5268 170M3120 170M3 |
Square Body ?DIN 43 653 690V/700V (IEC/U.L.) Square Body DIN 43 653 690V/700V IEC/UL 40-2000A Square Body DIN 43 653 690V/700V IEC/UL 40-2000A
|
Cooper Bussmann, Inc.
|
170M4193 170M6199 170M4189 |
Square Body - DIN 43 653
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
0640037670 |
Square DIN style dies for 8 AWG
|
Molex Electronics Ltd.
|
ST08-PC ST11-PC C-103-PM C-104-PM |
8 and 11 Pin Square Base Sockets, DIN Rail Mountable
|
List of Unclassifed Manufac... List of Unclassifed Man...
|
LA070URD31LI350 |
Square Body Semiconductor Fuses
|
Littelfuse
|
0640080770 |
Square DIN style die sets used with Metric 70mm (2/0 AWG) compression lugs
|
Molex Electronics Ltd.
|
ATTL7556AAU-TR ATTL7557AAU-TR |
Low-Power SLICs with Battery Switch GT 7C 7#8 PIN RECP WALL RM Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight
|
Agere Systems
|
ADP1109AAN ADP1109AAN-12 ADP1109AAN-33 ADP1109AAR |
Micropower low cost fixed 3.3V DC-to-DC converter Versatile step-up switching regulator GT 54C 54#16 SKT RECP Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:85; Connector Shell Size:40; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 7C 7#16 PIN RECP Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:7; Connector Shell Size:16S; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Micropower Low Cost Fixed 3.3 V/ 5 V/ 12 V and Adjustable DC-to-DC Converter
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
AAT1143IJS-1.2-T1 AAT1143IJS-1.8-T1 AAT1143IJS-1.6 |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 24C 24#16 SKT RECP 1MHz00mA的降压转换器 GT 22C 18#16 4#12 SKT RECP 1MHz00mA的降压转换器
|
Advanced Analogic Technologies, Inc.
|
B6IB6I1100-300GM B6IB6I1100-300GS B6IB6I690 |
3 x 277A AC at 690V AC, aircooled
|
eupec GmbH
|