PART |
Description |
Maker |
DBC12.010H DBC12.010S DBC12.010T DBC12.02H DBC12.0 |
POLARISED 2.0mm PITCH
|
Dubilier
|
39-251RED 39-261BLK 39-261RED |
Fully Protected During Flux Cleaning Operations
|
Grayhill, Inc
|
M50-4302445 M50-4903845 M50-4903045 M50-4302845 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 24 24-way 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 38 38-way 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 28 28-way 56 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 27 27-way 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 5 5-way 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
EM34001 |
Single-Chip LSI CMOS Calculator with 8-Digit Four Function Arithmetic Operations(单片LSI CMOS计数器(位四功能算术运算
|
ELAN Microelctronics Corp .
|
HS-A1420-10 |
offering RFI shielding, and are designed to survive standard wave soldering operations without damage
|
Nel Frequency Controls,...
|
1301.9222 1301.9211 1301.9213 1301.9212 1301.9201 |
Switch, ON/OFF Rocker; DPST; Lifetime: 50000 Operations; Current Rating: 16A; Voltage Rating: 250V; Initial Contact Resistance: 250 mOhms ROCKER SWITCH, DPST, LATCHED, PANEL MOUNT Switch, ON/OFF Rocker; DPST; Lifetime: 50000 Operations; Current Rating: 10A; Voltage Rating: 250V; Initial Contact Resistance: 250 mOhms ROCKER SWITCH, DPST, LATCHED, PANEL MOUNT
|
SCHURTER AG SCHURTER INC
|
AT25P1024C1-10CU-2.7 AT25P1024W1-10SU-2.7 AT25P102 |
128-byte Page Mode Only for Write Operations SPI Serial EEPROMs
|
ATMEL[ATMEL Corporation]
|
25M02GVTBIG 25M02GVTBIT 25M02GVTCIG 25M02GVTCIT 25 |
3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
|
Winbond
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
|