PART |
Description |
Maker |
PULSEW3579 |
Ferrite-backed Embedded NFC Antenna
|
Pulse A Technitrol Company
|
NFC1AT80A01N8 |
NFC antenna with ferrite shielding feature for over-metal
|
Johanson Technology Inc...
|
ISL12020 ISL12020CBZ ISL12020IBZ |
Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 【5ppm with Auto Day Light Saving
|
Intersil Corporation
|
ISL12020 ISL12020CBZ ISL12020IBZ ISL12020IBZ-T |
REAL TIME CLOCK, PDSO8 Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving
|
Intersil Corporation
|
ISL12023IVZ-T |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving; Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R REAL TIME CLOCK, PDSO14 Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving; Temperature Range: -40°C to 85°C; Package: 14-TSSOP REAL TIME CLOCK, PDSO14
|
Intersil, Corp.
|
HZ0805C202R-10 HZ0805B272R-10 HZ0805B222R-10 HI222 |
FERRITE CHIP SIGNAL 2000 OHM SMD 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 0805 2700 OHM SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 2200OHMS 200MA 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 4A 700 OHM 2220 SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE CHIP SIGNAL 120 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE CHIP SIGNAL 150 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE 8A 125 OHMS 1812 SMD 1 FUNCTIONS, 8 A, FERRITE CHIP FERRITE 1.5A 90 OHM 1206 SMD 1 FUNCTIONS, 1.5 A, FERRITE CHIP FERRITE 500MA 600 OHM 0805 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 700MA 120 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE ARRAY 200MA 600 OHMS SMD 4 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 700MA 220 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE CHIP 220 OHMS 300MA 0402 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 120 OHMS 400MA 1812 1 FUNCTIONS, 0.4 A, FERRITE CHIP FERRITE 700MA 80 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE 200MA 300 OHM 0402 SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP .5A 60 OHM SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 10A 56 OHM 1612 SMD 1 FUNCTIONS, 10 A, FERRITE CHIP FERRITE CHIP 1800 OHMS 50MA 0603 1 FUNCTIONS, 0.05 A, FERRITE CHIP FERRITE 500MA 600 OHM 1206 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 100MA 600 OHM 0402 SMD 1 FUNCTIONS, 0.1 A, FERRITE CHIP FERRITE CHIP 1000OHMS 200MA 0402 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP POWER 60 OHM SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE 4A 250 OHM 2220 SMD FERRITE ARRAY 500MA 30 OHMS SMD FERRITE ARRAY 300MA 120 OHMS SMD
|
Laird Technologies, Inc. OKI SEMICONDUCTOR CO., LTD.
|
IMS05SH472J IMS05ST101K IMS05WDST101K40 IMS05RU680 |
General Fixed Inductor, IND,FERRITE,4.7MH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,100UH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,68UH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,6.8MH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,1.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,56UH,5% TOL,5% -TOL General Fixed Inductor, 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, AXIAL LEADED, ROHS COMPLIANT General Fixed Inductor, IND,FERRITE,150UH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,120UH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,82UH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,82UH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,560UH,5% TOL,5% -TOL
|
Vishay Dale
|
561-AWCF32811B |
Adhesive Backed Wire Clip
|
List of Unclassifed Man...
|
AS3911-BQFT-1K |
NFC for Point of Sale
|
List of Unclassifed Manufacturers
|
OPXP1MDIF OPXP1OVAL OPXP1SDIF OPXP1SPOT OPXP1WIDE |
CREE XP ADHESIVE-BACKED LENS SYSTEM
|
Dialight Corporation
|
PULSEW7002 |
NFC Wire Loop Antenna
|
Pulse A Technitrol Company
|
MLX90131 |
13.56MHz RFID/NFC Transceiver
|
http:// Melexis Microelectronic Systems
|
|